| 전자부품 데이터시트 검색엔진 |
|
MPC8560CVT667JC 데이터시트(PDF) 75 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8560CVT667JC 데이터시트(HTML) 75 Page - NXP Semiconductors |
|
75 / 108 page ![]() MPC8560 Integrated Processor Hardware Specifications, Rev. 4.2 Freescale Semiconductor 75 Package and Pin Listings Gigabit Reference Clock EC_GTX_CLK125 E2 I LVDD — Three-Speed Ethernet Controller (Gigabit Ethernet 1) TSEC1_TXD[7:4] A6, F7, D7, C7 O LVDD 5, 9 TSEC1_TXD[3:0] B7, A7, G8, E8 O LVDD 9, 19 TSEC1_TX_EN C8 O LVDD 11 TSEC1_TX_ER B8 O LVDD — TSEC1_TX_CLK C6 I LVDD — TSEC1_GTX_CLK B6 O LVDD 18 TSEC1_CRS C3 I LVDD — TSEC1_COL G7 I LVDD — TSEC1_RXD[7:0] D4, B4, D3, D5, B5, A5, F6, E6 I LVDD — TSEC1_RX_DV D2 I LVDD — TSEC1_RX_ER E5 I LVDD — TSEC1_RX_CLK D6 I LVDD — Three-Speed Ethernet Controller (Gigabit Ethernet 2) TSEC2_TXD[7:2] B10, A10, J10, K11,J11, H11 O LVDD 5, 9 TSEC2_TXD[1:0] G11, E11 O LVDD — TSEC2_TX_EN B11 O LVDD 11 TSEC2_TX_ER D11 O LVDD — TSEC2_TX_CLK D10 I LVDD — TSEC2_GTX_CLK C10 O LVDD 18 TSEC2_CRS D9 I LVDD — TSEC2_COL F8 I LVDD — TSEC2_RXD[7:0] F9, E9, C9, B9, A9, H9, G10, F10 I LVDD — TSEC2_RX_DV H8 I LVDD — TSEC2_RX_ER A8 I LVDD — TSEC2_RX_CLK E10 I LVDD — RapidIO Interface RIO_RCLK Y25 I OVDD — RIO_RCLK Y24 I OVDD — Table 54. MPC8560 Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |