| 전자부품 데이터시트 검색엔진 |
|
MPC8347ECVRADFB 데이터시트(PDF) 60 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8347ECVRADFB 데이터시트(HTML) 60 Page - NXP Semiconductors |
|
60 / 99 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12 60 Freescale Semiconductor Package and Pin Listings MECC[0:4]/MSRCID[0:4] W4, W3, Y3, AA6, T1 I/O GVDD — MECC[5]/MDVAL U1 I/O GVDD — MECC[6:7] Y1, Y6 I/O GVDD — MDM[0:8] B1, F1, K1, R4, AD4, AJ1, AP3, AP7, Y4 OGVDD — MDQS[0:8] B2, F5, J1, P2, AC1, AJ2, AN4, AL8, W2 I/O GVDD — MBA[0:1] AD1, AA5 O GVDD — MA[0:14] W1, U4, T3, R3, P1, M1, N1, L3, L1, K2, Y2, K3, J3, AP2, AN6 OGVDD — MWE AF1 O GVDD — MRAS AF4 O GVDD — MCAS AG3 O GVDD — MCS[0:3] AG2, AG1, AK1, AL4 O GVDD — MCKE[0:1] H3, G1 O GVDD 3 MCK[0:5] U2, F4, AM3, V3, F2, AN3 O GVDD — MCK[0:5] U3, E3, AN2, V4, E1, AM4 O GVDD — MODT[0:3] AH3, AJ5, AH1, AJ4 O GVDD — MBA[2] H4 O GVDD — MDIC0 AB1 I/O — 10 MDIC1 AA1 I/O — 10 Local Bus Controller Interface LAD[0:31] AM13, AP13, AL14, AM14, AN14, AP14, AK15, AJ15, AM15, AN15, AP15, AM16, AL16, AN16, AP16, AL17, AM17, AP17, AK17, AP18, AL18, AM18, AN18, AP19, AN19, AM19, AP20, AK19, AN20, AL20, AP21, AN21 I/O OVDD — LDP[0]/CKSTOP_OUT AM21 I/O OVDD — LDP[1]/CKSTOP_IN AP22 I/O OVDD — LDP[2]/LCS[4] AN22 I/O OVDD — LDP[3]/LCS[5] AM22 I/O OVDD — LA[27:31] AK21, AP23, AN23, AP24, AK22 O OVDD — LCS[0:3] AN24, AL23, AP25, AN25 O OVDD — LWE[0:3]/LSDDQM[0:3]/LBS[0:3] AK23, AP26, AL24, AM25 O OVDD — LBCTL AN26 O OVDD — Table 55. MPC8347EA (TBGA) Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |