전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8544EBVTANGA 데이터시트(PDF) 85 Page - NXP Semiconductors

부품명 MPC8544EBVTANGA
상세설명  MPC8544E PowerQUICC III Integrated Processor Hardware Specifications
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8544EBVTANGA 데이터시트(HTML) 85 Page - NXP Semiconductors

Back Button MPC8544EBVTANGA Datasheet HTML 81Page - NXP Semiconductors MPC8544EBVTANGA Datasheet HTML 82Page - NXP Semiconductors MPC8544EBVTANGA Datasheet HTML 83Page - NXP Semiconductors MPC8544EBVTANGA Datasheet HTML 84Page - NXP Semiconductors MPC8544EBVTANGA Datasheet HTML 85Page - NXP Semiconductors MPC8544EBVTANGA Datasheet HTML 86Page - NXP Semiconductors MPC8544EBVTANGA Datasheet HTML 87Page - NXP Semiconductors MPC8544EBVTANGA Datasheet HTML 88Page - NXP Semiconductors MPC8544EBVTANGA Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 117 page
background image
MPC8544E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 8
Freescale Semiconductor
85
Package Description
LCS6/DMA_DACK2
J16
O
BVDD
1
LCS7/DMA_DDONE2
L18
O
BVDD
1
LWE0/LBS0/LSDDQM[0]
J22
O
BVDD
4, 8
LWE1/LBS1/LSDDQM[1]
H22
O
BVDD
4, 8
LWE2/LBS2/LSDDQM[2]
H23
O
BVDD
4, 8
LWE3/LBS3/LSDDQM[3
]
H21
O
BVDD
4, 8
LALE
J26
O
BVDD
4, 7, 8
LBCTL
J25
O
BVDD
4, 7, 8
LGPL0/LSDA10
J20
O
BVDD
4, 8
LGPL1/LSDWE
K20
O
BVDD
4, 8
LGPL2/LOE/LSDRAS
G20
O
BVDD
4, 7, 8
LGPL3/LSDCAS
H18
O
BVDD
4, 8
LGPL4/LGTA/LUPWAIT/
LPBSE
L20
I/O
BVDD
28
LGPL5
K19
O
BVDD
4, 8
LCKE
L17
O
BVDD
—
LCLK[0:2]
H24, J24, H25
O
BVDD
—
LSYNC_IN
D27
I
BVDD
—
LSYNC_OUT
D28
O
BVDD
—
DMA
DMA_DACK[0:1]
Y13, Y12
O
OVDD
4, 8, 9
DMA_DREQ[0:1]
AA10, AA11
I
OVDD
—
DMA_DDONE[0:1]
AA7, Y11
O
OVDD
—
Programmable Interrupt Controller
UDE
AH15
I
OVDD
—
MCP
AG18
I
OVDD
—
IRQ[0:7]
AG22, AF17, AD21, AF19, AG17, AF16, AC23,
AC22
IOVDD
—
IRQ[8]
AC19
I
OVDD
—
IRQ[9]/DMA_DREQ3
AG20
I
OVDD
1
IRQ[10]/DMA_DACK3
AE27
I/O
OVDD
1
IRQ[11]/DMA_DDONE3
AE24
I/O
OVDD
1
IRQ_OUT
AD14
O
OVDD
2
Table 62. MPC8544E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More