| 전자부품 데이터시트 검색엔진 |
|
ML7055LP 데이터시트(PDF) 20 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML7055LP 데이터시트(HTML) 20 Page - OKI electronic componets |
|
20 / 30 page ![]() FEDL7055-02 OKI Semiconductor ML7055 20/30 REFERENCE FOR VOLTAGE SUPPLY CIRCUIT • Insert appropriate bypass capacitors between the V DD and GND lines. Note 1: Precautions to insert the bypass capacitors - Use traces of VDD and GND lines wider than those of the other signal lines. - Keep the length of traces between the bypass capacitors and the VDD line and between the bypass capacitors and the GND line as short as possible. - Keep the length of traces between the bypass capacitors and the VDD line and between the bypass capacitors and the GND line as equal as possible. The circuit is subject to change according to the specific LSI board design. Please contact Oki Electric Industry Co., Ltd. for detailed information. Feed lines should be separated from LSI pins. Example of ML7055 voltage supply circuit Capacitors should locate close to LSI pins. GND VDD CoreVDD ML7055 AVDD0 AGND0 AVDD1 AGND1 0.1 µF 10 to 47 µF 0.1 µF 0.1 µF CoreVDD 0.1 µF 0.1 µF 0.1 µF VDD GND 10 to 47 µF 10 to 47 µF 0.1 µF 0.1 µF LVDD |