전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3Z10VT1 데이터시트(PDF) 2 Page - Leshan Radio Company

부품명 LM3Z10VT1
상세설명  Zener Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LM3Z10VT1 데이터시트(HTML) 2 Page - Leshan Radio Company

  LM3Z10VT1 Datasheet HTML 1Page - Leshan Radio Company LM3Z10VT1 Datasheet HTML 2Page - Leshan Radio Company LM3Z10VT1 Datasheet HTML 3Page - Leshan Radio Company LM3Z10VT1 Datasheet HTML 4Page - Leshan Radio Company LM3Z10VT1 Datasheet HTML 5Page - Leshan Radio Company LM3Z10VT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
LM3Z2V4T1/D–2/6
LM3Z2V4T1 SERIES
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted,
VF = 0.9 V Max. @ IF = 10 mA for all types)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
QVZ
Maximum Temperature Coefficient of VZ
C
Max. Capacitance @VR = 0 and f = 1 MHz



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com