전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESOT24LCC-2 데이터시트(PDF) 3 Page - Protek Devices

부품명 ESOT24LCC-2
상세설명  LOW CAPACITANCE TVS ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTEC [Protek Devices]
홈페이지  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ESOT24LCC-2 데이터시트(HTML) 3 Page - Protek Devices

  ESOT24LCC-2 Datasheet HTML 1Page - Protek Devices ESOT24LCC-2 Datasheet HTML 2Page - Protek Devices ESOT24LCC-2 Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
www.protekdevices.com
05194.R1 3/05
ESOT24LCC-2
COPYRIGHT © ProTek Devices 2005
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical
characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that
the final judgement concerning selection and specifications is the buyer’s and that in furnishing
engineering and technical assistance, ProTek assumes no responsibility with respect to the
selection or specifications of such products.
PACKAGE OUTLINE & DIMENSIONS
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance
with EIA-481.
2. Suffix -T7 = 7 Inch Reel - 3,000 pieces per 8mm tape,
i.e.,
ESOT24LCC-2-T7.
3. Suffix -T13 = 13 Inch Reel - 10,000 pieces per 8mm tape,
i.e.,
ESOT24LCC-2-T13.
4. Suffix - LF = Lead-Free, Pure-Tin Plating,
i.e.,
ESOT24LCC-2-LF-T13.
Outline & Dimensions: Rev 1 - 11/01, 06012
A
L
B
S
G
3
2
1
D
H
V
J
C
K
0º - 10º
A
B
C
D
G
H
J
K
L
S
V
2.80
1.20
0.89
0.37
1.78
0.013
0.085
0.45
0.89
2.10
0.45
3.04
1.40
1.11
0.50
2.04
0.100
0.177
0.60
1.02
2.50
0.60
0.1102
0.0472
0.0350
0.0150
0.0701
0.0005
0.0034
0.0180
0.0350
0.0830
0.0177
0.1197
0.0551
0.0440
0.0200
0.0807
0.0040
0.0070
0.0236
0.0401
0.0984
0.0236
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES
1. Dimensioning and tolerances per ANSI Y14.5M, 1985.
2. Controlling Dimension: Inches
3. Pin 3 is the cathode (Unidirectional Only).
4. Dimensions are exclusive of mold flash and metal burrs.
PACKAGE OUTLINE
SOT-23
MOUNTING PAD
0.037” (0.95mm)
0.033” (0.85mm)
0.079” (2.00mm)
0.033” (0.85mm)



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com