전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3Z12VT1 데이터시트(PDF) 3 Page - Leshan Radio Company

부품명 LM3Z12VT1
상세설명  Zener Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LM3Z12VT1 데이터시트(HTML) 3 Page - Leshan Radio Company

  LM3Z12VT1 Datasheet HTML 1Page - Leshan Radio Company LM3Z12VT1 Datasheet HTML 2Page - Leshan Radio Company LM3Z12VT1 Datasheet HTML 3Page - Leshan Radio Company LM3Z12VT1 Datasheet HTML 4Page - Leshan Radio Company LM3Z12VT1 Datasheet HTML 5Page - Leshan Radio Company LM3Z12VT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
LM3Z2V4T1/D–3/6
LM3Z2V4T1 SERIES
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA for all types)
Zener Voltage (Note 2.)
Zener Impedance
Leakage Current
QVZ
C
Device
VZ (Volts)
@ IZT
ZZT
@ IZT
ZZK @ IZK
IR @ VR
QVZ
(mV/k)
@ IZT
C
@ VR = 0
f = 1 MHz
Device
Device
Marking
Min
Nom
Max
mA
W
W
mA
mA
Volts
Min
Max
pF
LM3Z2V4T1
00
2.2
2.4
2.6
5
100
1000
0.5
50
1.0
–3.5
0
450
LM3Z2V7T1
01
2.5
2.7
2.9
5
100
1000
0.5
20
1.0
–3.5
0
450
LM3Z3V0T1
02
2.8
3.0
3.2
5
100
1000
0.5
10
1.0
–3.5
0
450
LM3Z3V3T1
05
3.1
3.3
3.5
5
95
1000
0.5
5
1.0
–3.5
0
450
LM3Z3V6T1
06
3.4
3.6
3.8
5
90
1000
0.5
5
1.0
–3.5
0
450
LM3Z3V9T1
07
3.7
3.9
4.1
5
90
1000
0.5
3
1.0
–3.5
–2.5
450
LM3Z4V3T1
08
4.0
4.3
4.6
5
90
1000
0.5
3
1.0
–3.5
0
450
LM3Z4V7T1
09
4.4
4.7
5.0
5
80
800
0.5
3
2.0
–3.5
0.2
260
LM3Z5V1T1
0A
4.8
5.1
5.4
5
60
500
0.5
2
2.0
–2.7
1.2
225
LM3Z5V6T1
0C
5.2
5.6
6.0
5
40
200
0.5
1
2.0
–2.0
2.5
200
LM3Z6V2T1
0E
5.8
6.2
6.6
5
10
100
0.5
3
4.0
0.4
3.7
185
LM3Z6V8T1
0F
6.4
6.8
7.2
5
15
160
0.5
2
4.0
1.2
4.5
155
LM3Z7V5T1
0G
7.0
7.5
7.9
5
15
160
0.5
1
5.0
2.5
5.3
140
LM3Z8V2T1
0H
7.7
8.2
8.7
5
15
160
0.5
0.7
5.0
3.2
6.2
135
LM3Z9V1T1
0K
8.5
9.1
9.6
5
15
160
0.5
0.2
7.0
3.8
7.0
130
LM3Z10VT1
0L
9.4
10
10.6
5
20
160
0.5
0.1
8.0
4.5
8.0
130
LM3Z11VT1
0M
10.4
11
11.6
5
20
160
0.5
0.1
8.0
5.4
9.0
130
LM3Z12VT1
0N
11.4
12
12.7
5
25
80
0.5
0.1
8.0
6.0
10
130
LM3Z13VT1
0P
12.4
13.25
14.1
5
30
80
0.5
0.1
8.0
7.0
11
120
LM3Z15VT1
0T
14.3
15
15.8
5
30
80
0.5
0.05
10.5
9.2
13
110
LM3Z16VT1
0U
15.3
16.2
17.1
5
40
80
0.5
0.05
11.2
10.4
14
105
LM3Z18VT1
0W
16.8
18
19.1
5
45
80
0.5
0.05
12.6
12.4
16
100
LM3Z20VT1
0Z
18.8
20
21.2
5
55
100
0.5
0.05
14.0
14.4
18
85
LM3Z22VT1
10
20.8
22
23.3
5
55
100
0.5
0.05
15.4
16.4
20
85
LM3Z24VT1
11
22.8
24.2
25.6
5
70
120
0.5
0.05
16.8
18.4
22
80
LM3Z27VT1
12
25.1
27
28.9
2
80
300
0.5
0.05
18.9
21.4
25.3
70
LM3Z30VT1
14
28
30
32
2
80
300
0.5
0.05
21.0
24.4
29.4
70
LM3Z33VT1
18
31
33
35
2
80
300
0.5
0.05
23.2
27.4
33.4
70
LM3Z36VT1
19
34
36
38
2
90
500
0.5
0.05
25.2
30.4
37.4
70
LM3Z39VT1
20
37
39
41
2
130
500
0.5
0.05
27.3
33.4
41.2
45
LM3Z43VT1
21
40
43
46
2
150
500
0.5
0.05
30.1
37.6
46.6
40
LM3Z47VT1
1A
44
47
50
2
170
500
0.5
0.05
32.9
42.0
51.8
40
LM3Z51VT1
1C
48
51
54
2
180
500
0.5
0.05
35.7
46.6
57.2
40
LM3Z56VT1
1D
52
56
60
2
200
500
0.5
0.05
39.2
52.2
63.8
40
LM3Z62VT1
1E
58
62
66
2
215
500
0.5
0.05
43.4
58.8
71.6
35
LM3Z68VT1
1F
64
68
72
2
240
500
0.5
0.05
47.6
65.6
79.8
35
LM3Z75VT1
1G
70
75
79
2
255
500
0.5
0.05
52.5
73.4
88.6
35
2. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25°C.



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com