전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3953B 데이터시트(PDF) 44 Page - ams AG

부품명 AS3953B
상세설명  14443 High Speed Passive Tag Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3953B 데이터시트(HTML) 44 Page - ams AG

Back Button AS3953B Datasheet HTML 40Page - ams AG AS3953B Datasheet HTML 41Page - ams AG AS3953B Datasheet HTML 42Page - ams AG AS3953B Datasheet HTML 43Page - ams AG AS3953B Datasheet HTML 44Page - ams AG AS3953B Datasheet HTML 45Page - ams AG AS3953B Datasheet HTML 46Page - ams AG AS3953B Datasheet HTML 47Page - ams AG AS3953B Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
Page 44
ams Datasheet
Document Feedback
[v1-04] 2016-Jan-07
AS3953B − Application Information
Overview of Registers
Figure 52:
List of the SPI Interface Internal Registers
Address [hex]
Content
Type
00
IO Configuration Register
RW
01
Mode Definition Register
RW
02
Bit Rate Definition Register
RW
04
RFID Status Display Register
RO
05
RATS Register
RO
08
Mask Main Interrupt Register
RW
09
Mask Auxiliary Interrupt Register
RW
0A
Main Interrupt Register
RO
0B
Auxiliary Interrupt Register
RO
0C
FIFO Status Register 1
RO
0D
FIFO Status Register 2
RO
10
Number of Transmitted Bytes Register 1
RW
11
Number of Transmitted Bytes Register 2
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64