전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3955 데이터시트(PDF) 39 Page - ams AG

부품명 AS3955
상세설명  NFC Forum Compliant Dynamic Tag
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3955 데이터시트(HTML) 39 Page - ams AG

Back Button AS3955_V01 Datasheet HTML 35Page - ams AG AS3955_V01 Datasheet HTML 36Page - ams AG AS3955_V01 Datasheet HTML 37Page - ams AG AS3955_V01 Datasheet HTML 38Page - ams AG AS3955_V01 Datasheet HTML 39Page - ams AG AS3955_V01 Datasheet HTML 40Page - ams AG AS3955_V01 Datasheet HTML 41Page - ams AG AS3955_V01 Datasheet HTML 42Page - ams AG AS3955_V01 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
ams Datasheet
Page 39
[v1-04] 2016-Feb-03
Document Feedback
AS3955 − Detailed Description
Configuration Byte AUTH_CFG
Figure 39:
Configuration Byte AUTH_CFG
Note(s):
1. This byte can always be accessed for read and write via SPI / I²C and can be accessed for read and write from the RF side if chip is in
AUTHENTICATED state and configuration bit auth_set is 1.
Bits auth_w and auth_r define for which operations the
authentication is needed. If a lock bit is set for a certain block,
then write cannot be performed even if IC is in AUTHENTICATED
state. This means that lock bits overrule authentication.
Configuration Byte SENSR1
Figure 40:
Configuration Byte SENSR1
Note(s):
1. This byte can always be accessed for read and write via SPI / I²C and can be accessed for read and write from the RF side if rfcfg_en
is set to 1.
Conf. Bit
Name
Default
Function
Note
b7
rfu
0
b6
rfu
0
b5
rfu
0
b4
rfu
0
b3
rfu
0
b2
rfu
0
b1
auth_w<1>
0
Authentication is required for writing
b0
auth_r<0>
0
Authentication is required for reading
Conf. Bit
Name
Default
Function
Note
b7
sens_res<15>
0
SENS_RES response byte 2 on SENS_REQ
b6
sens_res<14>
0
b5
sens_res<13>
0
b4
sens_res<12>
0
b3
sens_res<11>
0
b2
sens_res<10>
0
b1
sens_res<9>
0
b0
sens_res<8>
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More