| 전자부품 데이터시트 검색엔진 |
|
PCF85363ATL/AX 데이터시트(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85363ATL/AX 데이터시트(HTML) 18 Page - NXP Semiconductors |
|
18 / 86 page ![]() NXP Semiconductors PCF85363A Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus aaa-009582 SECOND ALARM1 SECOND TIME SEC_A1E 0 1 SEC_A1E = 0 example = MINUTE ALARM1 MINUTE TIME MIN_A1E = HOUR ALARM1 HOUR TIME HR_A1E set alarm flag A1F (1) = DAY ALARM1 DAY TIME DAY_A1E = MONTH ALARM1 MONTH TIME MON_A1E = check now signal 0 1 MIN_A2E = 0 example MINUTE ALARM2 MINUTE TIME MIN_A2E = HR_A2E set alarm flag A2F (1) = WDAY_A2E = check now signal HOUR ALARM2 HOUR TIME WEEKDAY ALARM2 WEEKDAY TIME 1. Only when all enabled alarm settings are matching. The flag is set only on increment to a matched case (and not all the time it is equal). Figure 11. Alarm1 and alarm2 function block diagram (RTC mode) 7.4.2 Alarms in stop-watch mode In stop-watch mode, Alarm 1 can be configured from seconds to 999 999 hours. Alarm 2 operates on minutes up to 9 999 hours. 7.4.2.1 Alarm1 and alarm2 registers in stop-watch mode Setting the time for alarm1 and alarm2: Only the information which is relevant for the alarm condition must to be programmed. The unused parts are ignored. PCF85363A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 3.1 — 18 June 2021 18 / 86 |