전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EDBA164B2PR 데이터시트(PDF) 87 Page - Micron Technology

부품명 EDBA164B2PR
상세설명  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICRON [Micron Technology]
홈페이지  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B2PR 데이터시트(HTML) 87 Page - Micron Technology

Back Button EDBA164B2PR Datasheet HTML 83Page - Micron Technology EDBA164B2PR Datasheet HTML 84Page - Micron Technology EDBA164B2PR Datasheet HTML 85Page - Micron Technology EDBA164B2PR Datasheet HTML 86Page - Micron Technology EDBA164B2PR Datasheet HTML 87Page - Micron Technology EDBA164B2PR Datasheet HTML 88Page - Micron Technology EDBA164B2PR Datasheet HTML 89Page - Micron Technology EDBA164B2PR Datasheet HTML 90Page - Micron Technology EDBA164B2PR Datasheet HTML 91Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 152 page
background image
Figure 59: READ to Power-Down Entry
CK_c
CKE1, 2
T0
T1
T2
Tx
Tx + 1
Tx + 2
Tx + 3
Tx + 4
Tx + 5
Tx + 6
Tx + 7
Tx + 8
Tx + 9
CMD
DQ
DQS_c
READ
D
OUT DOUT DOUT DOUT
RL
tISCKE
CKE1, 2
T0
T1
T2
Tx
Tx + 1
Tx + 2
Tx + 3
Tx + 4
Tx + 5
Tx + 6
Tx + 7
Tx + 8
Tx + 9
CMD
DQ
READ
D
OUT DOUT DOUT DOUT DOUT DOUT DOUT DOUT
RL
tISCKE
BL = 4
BL = 8
CK_t
CK_c
CK_t
DQS_t
DQS_c
DQS_t
Notes:
1. CKE must be held HIGH until the end of the burst operation.
2. CKE can be registered LOW at (RL + RU(tDQSCK(MAX)/tCK) + BL/2 + 1) clock cycles after
the clock on which the READ command is registered.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Power-Down
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
87
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More