전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RTY050HVEAX 데이터시트(PDF) 6 Page - Honeywell Solid State Electronics Center

부품명 RTY050HVEAX
상세설명  Hall-effect Rotary Position Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

RTY050HVEAX 데이터시트(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button RTY050HVEAX Datasheet HTML 2Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 3Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 4Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 5Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 6Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 7Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 8Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 9Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 10Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
sensing.honeywell.com
RTY Series and RTP Series
Figure 3. RTY Series Mounting Dimensions (For reference only: mm [in.])
Sensor without lever
Output diagram
Sensor with lever
A
B
C
θ
−θ/2°
+θ/2°
36,4
[1.43]
8,3
[0.33]
55
[2.17]
37,0
[1.46]
13,8
[0.54]
22,0
[0.87]
26,0
[1.02]
9,5
[0.37]
5,00
[0.20]
40,0
[1.57]
15,0
[0.59]
10,0
[0.39]
22,0
[0.87]
15,7
[0.62]
14,0
[0.55]
2
ø5,35
[0.21]
Mounting
surface
11
36,4
[1.43]
25
[0.98]
4,12
[0.16]
15,6
[0.61]
13,8
[0.54]
22,0
[0.87]
55
[2.17]
37.0
[1.46]
8,3
[0.33]
26,0
[1.02]
9,5
[0.37]
1
2
3
1
2
3
5,3
[0.21]
ø15,50
[0.61]
4,60
[0.18]
ø6,00
[0.24]
ø5,35
[0.21]
Mounting surface
1
Non-magnetic, stainless steel M5
screws and 10 mm [0.39 in] OD
washers, mounting torque is
2,5 ±0,5 N m [22.1 ±4.4 in-lb]
Non-magnetic, stainless steel M5
screws and 10 mm [0.39 in] OD
washers, mounting torque is
2,5 ± 0,5 N m [22.1 ±4.4 in-lb]
Non-magnetic stainless steel M6
screws, mounting torque is
8 N m [70.8 in-lb] max.
1
2
11
1
Standard Output
= Left output: 0.5 Vdc
= Zero reference
= Right output: 4.5 Vdc
Inverted Output
= Left output: 4.5 Vdc
= Zero reference
= Right output: 0.5 Vdc
A
B
C
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com