전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BLE113 데이터시트(PDF) 29 Page - Silicon Laboratories

부품명 BLE113
상세설명  BLE113 with integrated chip antenna
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE113 데이터시트(HTML) 29 Page - Silicon Laboratories

Back Button BLE113 Datasheet HTML 22Page - Silicon Laboratories BLE113 Datasheet HTML 23Page - Silicon Laboratories BLE113 Datasheet HTML 24Page - Silicon Laboratories BLE113 Datasheet HTML 25Page - Silicon Laboratories BLE113 Datasheet HTML 26Page - Silicon Laboratories BLE113 Datasheet HTML 27Page - Silicon Laboratories BLE113 Datasheet HTML 28Page - Silicon Laboratories BLE113 Datasheet HTML 29Page - Silicon Laboratories BLE113 Datasheet HTML 30Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Bluegiga Technologies Oy
Page 29 of 30
8.3 CE
BLE113 is conformity with the following standards
SAFETY
EN 60950-1:2006+A11:2009+A1:2010+A12:2011
EMC (Art. 3(1)(a)):
EN 301 489-1 v.1.9.2
EN 301 489-17:V2.2.1
o Radiated electric field immunity, EN 61000-4-3:2006
SPECTRUM (Art. 3(2)):
EN 300 328 v1.7.1
o Equivalent isotropic radiated power
o Maximum spectral power density
EN 300 328 V1.8.1
o Occupied channel bandwidth
o Transmitter unwanted spurious emissions in the out-of-band domain
o Transmitter unwanted spurious emissions in the spurious domain
o Receiver spurious emissions
8.4 MIC Japan
BLE113 is certified as a module with type certification number 007-AB0103. As a certified module BLE113 can
be integrated to an end product without a need for additional MIC Japan certification of the end product.
8.5 KCC (Korea)
BLE113 has type certification in Korea with certification number KCC-CRM-BGT-BLE113.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30