| 전자부품 데이터시트 검색엔진 |
|
STA709 데이터시트(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA709 데이터시트(HTML) 4 Page - STMicroelectronics |
|
4 / 7 page ![]() 3 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. 3.1 VFQFPN-64 (9x9x1.0mm) package information Figure 2. VFQFPN-64 (9x9x1.0 mm) package outline 8511068_B_A0ZG A A D (A1) A1 E1 E B B C SECTION C-C SCALE: NONE TERMINAL TIP DETAIL A SCALE: NONE A1 C TERMINAL TIP SEATING PLANE SEE DETAIL A C C C A A2 A1 P P b bbb ddd e 64 2 3 1 A3 E2 D2 0.45 Pin1 ID r 0.20 L L1 64 0.80 DIA. TOP VIEW BOTTOM VIEW 1 2 3 D1 GAPGPS03460 A B C C C ccc eee fff B A C fff 4 x θ L2 b b1 Table 4. VFQFPN-64 (9x9x1.0 mm) package mechanical data Ref. Dimensions in mm Min. Typ. Max. Θ - - 14 A - - 1.0 A1 0.00 - 0.05 A2 0.55 - 0.80 A3 0.20 REF b(1) 0.18 0.25 0.30 STA709 Package information DB3139 - Rev 2 page 4/7 |