| 전자부품 데이터시트 검색엔진 |
|
5000 데이터시트(PDF) 5 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
5000 데이터시트(HTML) 5 Page - 3M Electronics |
|
5 / 8 page ![]() 5 Standard Drop-down • Easy to use and convenient • Pre-assembled with permanently attached cartridges; no maintenance necessary • Facepiece is made from soft, lightweight material • Ideally suited for: - Intermittent respirator use - Plant shutdowns and turnarounds - Dirty applications where respirators wear out or become difficult to clean in a short time • Facepiece is made from soft, lightweight material • Available with a standard or drop-down head harness option. Drop-down model allows wearers to lower the respirator without removing hard hat or faceshield • Head harness assembly and spare parts are available 3M™ Half Facepiece Disposable Respirator 5000 Series Balanced design, disposable convenience 3M™ Half Facepiece Reusable Respirator 6000 Series Compatible, convenient respiratory protection 6100DD (Small) 6200DD (Medium) 6300DD (Large) 6100 (Small) 6200 (Medium) 6300 (Large) 5101 Organic Vapor Respirator (Small) 5201 Organic Vapor Respirator (Medium) 5301 Organic Vapor Respirator (Large) 5103 Organic Vapor/Acid Gas Respirator (Small) 5203 Organic Vapor/Acid Gas Respirator (Medium) 5303 Organic Vapor/Acid Gas Respirator (Large) 51P71 P95 Paint Spray/Pesticide Assembly (Small) 52P71 P95 Paint Spray/Pesticide Assembly (Medium) 53P71 P95 Paint Spray/Pesticide Assembly (Large) |