전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32G071X8 데이터시트(PDF) 40 Page - STMicroelectronics

부품명 STM32G071X8
상세설명  Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G071X8 데이터시트(HTML) 40 Page - STMicroelectronics

Back Button STM32G071X8 Datasheet HTML 36Page - STMicroelectronics STM32G071X8 Datasheet HTML 37Page - STMicroelectronics STM32G071X8 Datasheet HTML 38Page - STMicroelectronics STM32G071X8 Datasheet HTML 39Page - STMicroelectronics STM32G071X8 Datasheet HTML 40Page - STMicroelectronics STM32G071X8 Datasheet HTML 41Page - STMicroelectronics STM32G071X8 Datasheet HTML 42Page - STMicroelectronics STM32G071X8 Datasheet HTML 43Page - STMicroelectronics STM32G071X8 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 133 page
background image
Pinouts, pin description and alternate functions
STM32G071x8/xB
40/133
DS12232 Rev 3
Figure 9. STM32G071GxU UFQFPN28 pinout
Figure 10. STM32G071Ex WLCSP25 pinout
MSv42122V2
PC14-OSC32_IN
PC15-OSC32_OUT
VDD/VDDA
VSS/VSSA
PF2-NRST
PA0
PA1
PA14-BOOT0
PA13
PA12 [PA10]
PA11 [PA9]
PC6
PA8
PB15
Top view
UFQFPN28
1
2
3
4
5
6
7
21
20
19
18
17
16
15
MSv39713V4
PC14-OSC32_IN
PC15-OSC32_OUT
VDD/VDDA
VSS/VSSA
PF2-NRST
PA0
PA1
PA14-BOOT0
PA13
PA12 [PA10]
PA11 [PA9]
PC6
PA8
PB1
Top view
UFQFPN28
1
2
3
4
5
6
7
21
20
19
18
17
16
15
GP version
PD version
(_GxUxN)
(_GxU)
MSv47938V2
12345
A
B
C
D
E
PA15
PA14-
BOOT0
PB5
PB7
PC14-
OSC32
_IN
PA12
[PA10]
PA13
PB6
PB8
PC15-
OSC32
_OUT
PA11
[PA9]
PA6
PA3
PA0
VDD/
VDDA
PA8
PA7
PA4
PA1
VSS/
VSSA
PB1
PB0
PA5
PA2
PF2 -
NRST
Top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More