전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2D2 데이터시트(PDF) 2 Page - Honeywell Solid State Electronics Center

부품명 2D2
상세설명  Pushbutton Switches and Indicators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2D2 데이터시트(HTML) 2 Page - Honeywell Solid State Electronics Center

  2D2 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Manual Switches
Series 2
Pushbuttons Switches and Indicators
106
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
Barriers on long sides
Barriers on short sides
BARRIER MOUNT MODULES
Barrier mount assemblies are identical in
panel appearance. Operator-indicator
housings have spring clips for attaching
switch modules. This feature is not pro-
vided with indicator housings.
Barriers are necessary for mounting.
They can be specified for attachment to
the long or short side of the housing, as
stated in the order guides.
BARRIER MOUNT HOUSING ORDER GUIDE
See ‘‘Application Data’’ for typical bailing circuits for coil-equipped modules.
Tool Not Required
Barriers
Attach On:
No. of
Lamp Sockets
Operator-Indicator
Indicator Only
Long Sides
of Housing
2 (A & C)
2C207
4 (A-D)
2C209
Short Sides
of Housing
2 (A & C)
2C201
4 (A-D)
2C203
2F203
MOUNTING BARRIER ORDER GUIDE
For strip mounting, specify one more barrier than the number of units in the group.
Catalog Listings
Mounting Barrier
For Panel
Type
Thickness
Gray
Black
Attach to
Long Sides
.06-.19 in. (1,52-4,83 mm)
2B2
2B4
Attach to
Short Sides
.06-.19 in. (1,52-4,83 mm)
2B1
2B3
Note: Panels .19 in. (1,52 mm) thick require the .06-.19 in. (1,52-4,83 mm) type barriers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11