전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC660EYB 데이터시트(PDF) 7 Page - Cypress Semiconductor

부품명 SC660EYB
상세설명  SMBus System Clock Buffer for Mobile Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SC660EYB 데이터시트(HTML) 7 Page - Cypress Semiconductor

  SC660EYB Datasheet HTML 1Page - Cypress Semiconductor SC660EYB Datasheet HTML 2Page - Cypress Semiconductor SC660EYB Datasheet HTML 3Page - Cypress Semiconductor SC660EYB Datasheet HTML 4Page - Cypress Semiconductor SC660EYB Datasheet HTML 5Page - Cypress Semiconductor SC660EYB Datasheet HTML 6Page - Cypress Semiconductor SC660EYB Datasheet HTML 7Page - Cypress Semiconductor SC660EYB Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SC660E
SMBus System Clock Buffer for Mobile Applications
Cypress Semiconductor Corporation
3901 North First Street
Document#: 38-07025 Rev. *A
12/17/2002
San Jose, CA 95134. Tel: 408-043-2600
Page 7 of 8
http://www.cypress.com
Ordering Information
Part Number
Package Type
Production Flow
SC660EYB
28 PIN SSOP
Commercial, -40ºC to +85ºC
Note:
The ordering part number is formed by a combination of device number, device revision, package style, and
screening as shown below.
Marking: Example:
IMI
SC660EYB
Date Code, Lot #
SC660EYB
Flow
B = Commercial, -40ºC to + 85ºC
Package
Y = SSOP
Revision
Device Number
Notice
Cypress Semiconductor Corporation reserves the right to make changes to its products in order to improve design,
performance or reliability. Cypress Semiconductor Corporation assumes no responsibility for the use of its products in
life supporting and medical applications where the failure or malfunction of the product could cause failure of the life
supporting and medical systems. Products are not authorized for use in such applications unless a written approval is
requested by the manufacturer and an approval is given in writing by Cypress Semiconductor Corporation for the use of
its products in the life supporting and medical applications.



Html Pages

1 2 3 4 5 6 7 8