| 전자부품 데이터시트 검색엔진 |
|
STK1AW32SC 데이터시트(PDF) 16 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
STK1AW32SC 데이터시트(HTML) 16 Page - Intel Corporation |
|
16 / 27 page ![]() 16 1.11.1.2 Wake-up Devices and Events Table 5 lists the devices or specific events that can wake the Intel Compute Stick from specific states. Table 5. Wake-up Devices and Events Devices/events that wake up the system… …from this sleep state Comments Power switch S5 RTC alarm N/A Wake from RTC is not supported Wireless LAN N/A Wake from Wireless LAN is not supported USB N/A Wake from USB is not supported Bluetooth N/A Wake from Bluetooth is not supported 1.11.2 Hardware Support Power management hardware features include: Wake from Power Button signal Instantly Available PC technology 1.11.2.1 Power Input When resuming from an AC power failure, the Intel Compute Stick may return to the power state it was in before power was interrupted (on or off). The Intel Compute Stick’s response can be set using the Last Power State feature in the BIOS Setup program’s Boot menu. |