전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK1A32SC 데이터시트(PDF) 16 Page - Intel Corporation

부품명 STK1A32SC
상세설명  Intel짰 Compute Stick
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

STK1A32SC 데이터시트(HTML) 16 Page - Intel Corporation

Back Button STK1A32SC Datasheet HTML 12Page - Intel Corporation STK1A32SC Datasheet HTML 13Page - Intel Corporation STK1A32SC Datasheet HTML 14Page - Intel Corporation STK1A32SC Datasheet HTML 15Page - Intel Corporation STK1A32SC Datasheet HTML 16Page - Intel Corporation STK1A32SC Datasheet HTML 17Page - Intel Corporation STK1A32SC Datasheet HTML 18Page - Intel Corporation STK1A32SC Datasheet HTML 19Page - Intel Corporation STK1A32SC Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
16
1.11.1.2
Wake-up Devices and Events
Table 5 lists the devices or specific events that can wake the Intel Compute Stick from specific
states.
Table 5. Wake-up Devices and Events
Devices/events that wake up the system…
…from this sleep state
Comments
Power switch
S5
RTC alarm
N/A
Wake from RTC is not supported
Wireless LAN
N/A
Wake from Wireless LAN is not supported
USB
N/A
Wake from USB is not supported
Bluetooth
N/A
Wake from Bluetooth is not supported
1.11.2
Hardware Support
Power management hardware features include:
Wake from Power Button signal
Instantly Available PC technology
1.11.2.1
Power Input
When resuming from an AC power failure, the Intel Compute Stick may return to the power state it
was in before power was interrupted (on or off). The Intel Compute Stick’s response can be set
using the Last Power State feature in the BIOS Setup program’s Boot menu.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27