전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BOXSTK1AW32SC 데이터시트(PDF) 20 Page - Intel Corporation

부품명 BOXSTK1AW32SC
상세설명  Intel짰 Compute Stick
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

BOXSTK1AW32SC 데이터시트(HTML) 20 Page - Intel Corporation

Back Button BOXSTK1AW32SC Datasheet HTML 16Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 17Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 18Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 19Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 20Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 21Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 22Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 23Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
20
2.2.5
Power Adapter
The Intel Compute Stick uses a 5V 3A AC to DC power adapter. The power adapter is connected
to the Intel Compute Stick via a six foot cable with a USB Type B connector.
Item
Description
A
5V 3A Connector
Figure 8. Power Adapter
NOTE
The supplied power adapter with attached cable is required to power the Intel Compute Stick.
Powering the Intel Compute Stick using any other power adapter and cable is not supported.
2.2.6
Security Loop
The Intel Compute Stick has a 3mm x 3mm opening in the chassis to allow for securing the
Compute Stick.
Figure 9. Security Loop Opening



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com