전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADPDC2J04AC 데이터시트(PDF) 2 Page - C&K Components

부품명 ADPDC2J04AC
상세설명  General Purpose Snap-acting Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CK-COMPONENTS [C&K Components]
홈페이지  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ADPDC2J04AC 데이터시트(HTML) 2 Page - C&K Components

  ADPDC2J04AC Datasheet HTML 1Page - C&K Components ADPDC2J04AC Datasheet HTML 2Page - C&K Components ADPDC2J04AC Datasheet HTML 3Page - C&K Components ADPDC2J04AC Datasheet HTML 4Page - C&K Components ADPDC2J04AC Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NOTE: To select switching function, see CIRCUITRY section, page J-81.
.
A Series
General Purpose Snap-acting Switches
SERIES
NO. POLES
S  SINGLE POLE SWITCH
D  DOUBLE POLE SWITCH
A  GENERAL PURPOSE SNAP-ACTING SWITCHES
Mounting holes will accept pins or screws
of .139 dia. (3,53) max., on 1.000 (25,40) centers.
Mounting holes will accept pins or screws
of .139 dia. (3,53) max., on 1.000 (25,40) centers.
J
J–82
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
14 Jan 19



Html Pages

1 2 3 4 5