| 전자부품 데이터시트 검색엔진 |
|
TMUX7413F 데이터시트(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMUX7413F 데이터시트(HTML) 23 Page - Texas Instruments |
|
23 / 42 page ![]() 8.3 Off-Leakage Current There are two types of leakage currents associated with a switch during the off state: 1. Source off-leakage current IS(OFF): the leakage current flowing into or out of the source pin when the switch is off. 2. Drain off-leakage current ID(OFF): the leakage current flowing into or out of the drain pin when the switch is off. Figure 8-3 shows the setup used to measure both off-leakage currents. Is (OFF) SW S1 VDD VSS GND A GND GND VD VS IS(OFF) D1 Is (OFF) SW S4 GND A GND VD VS SW S1 VDD VSS GND GND GND VD VS ID(OFF) SW S4 GND GND VD VS ID (OFF) A D4 ID (OFF) A D1 D4 Figure 8-3. Off-Leakage Measurement Setup 8.4 On-Leakage Current Source on-leakage current (IS(ON)) and drain on-leakage current (ID(ON)) denote the channel leakage currents when the switch is in the on state. IS(ON) is measured with the drain floating, while ID(ON) is measured with the source floating. Figure 8-4 shows the circuit used for measuring the on-leakage currents. Is (OFF) S1 VDD VSS GND A GND VS IS(ON) D1 Is (OFF) S4 GND A VS D4 N.C. N.C. SW SW ID (OFF) S1 VDD VSS GND A GND VS ID(ON) D1 ID (OFF) S4 GND A VS D4 SW SW N.C. N.C. Figure 8-4. On-Leakage Measurement Setup www.ti.com TMUX7411F, TMUX7412F, TMUX7413F SCDS404A – MARCH 2021 – REVISED NOVEMBER 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 23 Product Folder Links: TMUX7411F TMUX7412F TMUX7413F |