전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATA6562 데이터시트(PDF) 21 Page - Microchip Technology

부품명 ATA6562
상세설명  High-Speed CAN Transceiver with Standby Mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6562 데이터시트(HTML) 21 Page - Microchip Technology

Back Button ATA6562 Datasheet HTML 17Page - Microchip Technology ATA6562 Datasheet HTML 18Page - Microchip Technology ATA6562 Datasheet HTML 19Page - Microchip Technology ATA6562 Datasheet HTML 20Page - Microchip Technology ATA6562 Datasheet HTML 21Page - Microchip Technology ATA6562 Datasheet HTML 22Page - Microchip Technology ATA6562 Datasheet HTML 23Page - Microchip Technology ATA6562 Datasheet HTML 24Page - Microchip Technology ATA6562 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
2017-2021 Microchip Technology Inc. and its subsidiaries
DS20005790E-page 21
ATA6562/3
0.25
C A–B D
C
SEATING
PLANE
TOP VIEW
SIDE VIEW
VIEW A–A
0.10 C
0.10 C
Microchip Technology Drawing No. C04-057-OA Rev F Sheet 1 of 2
8X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
8-Lead Plastic Small Outline (OA) - Narrow, 3.90 mm (.150 In.) Body [SOIC]
1
2
N
h
h
A1
A2
A
A
B
e
D
E
E
2
E1
2
E1
NOTE 5
NOTE 5
NX b
0.10 C A–B
2X
H
0.23
(L1)
L
R0.13
R0.13
VIEW C
SEE VIEW C
NOTE 1
D
0.10 C A–B
2X
0.10 C A–B
2X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32