| 전자부품 데이터시트 검색엔진 |
|
LAN8672 데이터시트(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8672 데이터시트(HTML) 23 Page - Microchip Technology |
|
23 / 30 page ![]() For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: © 2019 Microchip Technology Inc. REF: Reference Dimension, usually without tolerance, for information purposes only. BSC: Basic Dimension. Theoretically exact value shown without tolerances. Notes: 1. 2. 3. Pin 1 visual index feature may vary, but must be located within the hatched area. Package is saw singulated Dimensioning and tolerancing per ASME Y14.5M Number of Terminals Overall Height Terminal Width Overall Width Terminal Length Exposed Pad Width Terminal Thickness Pitch Standoff Units Dimension Limits A1 A b E2 A3 e L E N 0.50 BSC 0.203 REF 0.30 0.20 0.80 0.00 0.25 0.40 0.90 0.02 MILLIMETERS MIN NOM 36 0.50 0.30 1.00 0.05 MAX K- 0.20 - Terminal-to-Exposed-Pad Overall Length Exposed Pad Length D D2 4.30 6.00 BSC 4.40 4.50 Exposed Pad Corner Chamfer Step Height CH A4 0.10 0.35 REF -0.19 D3 0.060 0.035 0.085 Step Length 4.30 6.00 BSC 4.40 4.50 Microchip Technology Drawing C04-501 Rev B Sheet 2 of 2 36-Lead Very Thin Plastic Quad Flat, No Lead Package (LNX) - 6x6x1.0 mm Body [VQFN] With 4.4 mm Exposed Pad and Stepped Wettable Flanks LAN8670/1/2 Packaging Information © 2021 Microchip Technology Inc. and its subsidiaries Product Brief DS60001536E-page 23 |