| 전자부품 데이터시트 검색엔진 |
|
DEV-14082 데이터시트(PDF) 1 Page - SparkFun Electronics |
|
|
|||||||||||||||||||||||||||||
DEV-14082 데이터시트(HTML) 1 Page - SparkFun Electronics |
|
1 / 2 page ![]() STEMTera (Black) DEV-14082 ROHS The STEMTera is an innovation in breadboard history. It is the first breadboard with an Arduino- compatible hardware suite built in that works with thousands of shields. With ATmega32U2 pins exposed, native USB projects can be easily developed using the LUFA framework. The STEMTera also features a LEGO®brick-compatible bottom that empowers projects to be built beyond imagination. This version of the STEMTera is housed in a durable black ABS plastic enclosure. Since the STEMTera is a development board built directly into a breadboard, it eliminates the need for messy wires to be strewn about your work space. By having two microcontrollers built inside the breadboard, it provides direct access to the ATmega328P’s I/O pins. With the 21 I/O pins of the ATmega32U2 exposed, users will be able to develop native USB projects with ease. These extra I/O pins can work directly with the LUFA framework without having a middleman to translate messages as with the original Arduino UNO. Additionally, the STEMTera is pin-to-pin compatible with an Arduino UNO R3 shield and supports multiple IDEs, including: Atmel® Studio, Arduino IDE, AVR- GCC, AVR-GCC with LUFA, Scratch and more! The STEMTera even has a LEGO-compatible 10x14 bottom cover that enables LEGO bricks to be connected directly into the breadboard without using special mounting techniques or adapters |
유사한 부품 번호 - DEV-14082 |
|
유사한 설명 - DEV-14082 |