전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DEV-14438 데이터시트(PDF) 1 Page - SparkFun Electronics

부품명 DEV-14438
상세설명  Arduino Dock R2 for Onion Omega
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPARKFUN [SparkFun Electronics]
홈페이지  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14438 데이터시트(HTML) 1 Page - SparkFun Electronics

  DEV-14438 Datasheet HTML 1Page - SparkFun Electronics DEV-14438 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
Arduino Dock R2 for Onion Omega 
DEV-14438
Description
The Arduino Dock R2 allows you to supercharge your projects by combining the
familiar Arduino platform with the power and connectivity of the Omega2. Each
dock features the ATmega328P microcontroller as a coprocessor to act in tandem
with the Omega, and exposes the GPIO pins of both the Omega and the
microcontroller. If you are looking for a way to incorporate both Arduino and Onion
Omega into your next project, there isn’t a finer choice than the Arduino Dock R2!
The Omega facilitates programming the microcontroller wirelessly using the
Arduino IDE, while it and the ATmega328P can communicate through a Serial
UART connection or using the I2C bus protocol. The microcontroller pins are all
accessible and arranged in the same way as the Arduino Uno, giving you the
ability to quickly port over Arduino projects and reuse any existing Arduino Shields.
The Onion Omega boards we carry are separated into three different categories:
Mainboard, Dock and Expansion Board. This board falls into the Dock category,
meaning you can plug an Onion Omega directly into the board. The Arduino Dock
R2 is also compatible with Omega Expansion Boards and Arduino Shields.
Features
MicroUSB Port – Power and serial terminal access
USB-A Host Port – Connect USB devices to the Omega
Barrel Jack Port
Reset Button
3.3V–5V DC Power Supply Compatible
30-pin Expansion Header


유사한 부품 번호 - DEV-14438

제조업체부품명데이터시트상세설명
logo
SparkFun Electronics
DEV-14430 SPARKFUN-DEV-14430 Datasheet
210Kb / 2P
SparkFun ESP32 Thing Motion Shield
11??0??7
DEV-14431 SPARKFUN-DEV-14431 Datasheet
121Kb / 2P
Onion Omega2 IoT Computer
More results

유사한 설명 - DEV-14438

제조업체부품명데이터시트상세설명
logo
Littelfuse
SL1024B LITTELFUSE-SL1024B Datasheet
202Kb / 3P
Gas Discharge Tubes - Omega Range
logo
List of Unclassifed Man...
A000010 ETC2-A000010 Datasheet
675Kb / 1P
ARDUINO KIT WORKSHOP BASE WITH ARDUINO BOARD
logo
SparkFun Electronics
DEV-13036 SPARKFUN-DEV-13036 Datasheet
473Kb / 14P
SparkFun Blocks for Intel짰 Edison - Arduino Block
logo
Rohm
BD1020HFV-EVK-001 ROHM-BD1020HFV-EVK-001 Datasheet
688Kb / 3P
Arduino Uno
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
logo
Texas Instruments
TPS65982DMC TI-TPS65982DMC Datasheet
3Mb / 60P
TPS65982DMC Dock Management Controller
logo
SparkFun Electronics
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-14444 SPARKFUN-DEV-14444 Datasheet
133Kb / 4P
Relay Expansion Board for Onion Omega
DEV-10941 SPARKFUN-DEV-10941 Datasheet
111Kb / 2P
LilyPad Arduino SimpleSnap
11/24/2015
DEV-14431 SPARKFUN-DEV-14431 Datasheet
121Kb / 2P
Onion Omega2 IoT Computer
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com