전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC3290 데이터시트(PDF) 1 Page - Analog Devices

부품명 LTC3290
상세설명  High Voltage Boost Charge Pump
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

LTC3290 데이터시트(HTML) 1 Page - Analog Devices

  LTC3290 Datasheet HTML 1Page - Analog Devices LTC3290 Datasheet HTML 2Page - Analog Devices LTC3290 Datasheet HTML 3Page - Analog Devices LTC3290 Datasheet HTML 4Page - Analog Devices LTC3290 Datasheet HTML 5Page - Analog Devices LTC3290 Datasheet HTML 6Page - Analog Devices LTC3290 Datasheet HTML 7Page - Analog Devices LTC3290 Datasheet HTML 8Page - Analog Devices LTC3290 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LTC3290
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
High Voltage Boost
Charge Pump
The LTC®3290 is a high voltage boost charge pump with
a wide 4.5V to 55V input voltage range that can deliver
up to 50mA of output current.
When the VSET pin is grounded, the LTC3290 operates
as a standard boost charge pump, boosting the VOUT
output to a maximum of the sum of the VIN and VAUX
input supplies. An external resistor divider can be used
on the VOUT, FB and GND pins to set the output voltage
to any value between 1V and VIN + VAUX with hysteretic
Burst Mode operation.
Alternatively, the device can be configured in a VINtracking
mode, in which the VOUT pin regulates at a fixed offset
above the VIN pin. The offset voltage is programmed with
external resistors, one from the VOUT to the VSET pin and
the other from the FB pin to GND. The maximum output
voltage is limited to VIN + VAUX.
The LTC3290 is available in a thermally enhanced 10-pin
MSOP package.
15V Output from a 12V Input (with 5V Auxiliary Input)
Standard Boost Charge Pump Mode, VSET = 0V
Efficiency vs Output Current
APPLICATIONS
n
Wide Input Range: 4.5V to 55V VIN/VAUX
n
Reverse Input Protection to –55V
n
Split Input Supplies for High Efficiency Boost Ratios
n
IOUT Up to 50mA
n
15µA VIN Quiescent Current
n
1µA VAUX Quiescent Current
n
Stable with Ceramic Capacitors
n
Short-Circuit/Thermal Protection
n
Thermally Enhanced 10-Pin MSOP Package
n
High Efficiency General Purpose High Voltage Boost
Supplies
n
High Side N-FET Driver
n
Industrial/Automotive Power Switching
n
VIN Tracking Supply
All registered trademarks and trademarks are the property of their respective owners.
VOUT
15V
0mA TO 20mA
5V
1.4M
10µF
100k
VSET
FB
1µF
GND
LTC3290
C–
C+
PGOOD
3290 TA01
VAUX
BIAS
12V
10µF
VIN
EN
10µF
4.7µF
90
80
60
40
20
70
50
30
10
0
IOUT (mA)
3290 TA01b
0.01
10 20
1
0.1
VIN = 12V
VAUX = 5V
VOUT = 15V
Features
Applications
Typical Application
Description
Absolute Maximum Ratings
Order Information
Pin Configuration
Electrical Characteristics
Typical Performance Characteristics
Pin Functions
Block Diagram
Operation
Applications Information
Typical Applications
Package Description
Typical Application
Related Parts


유사한 부품 번호 - LTC3290

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTC3200 LINER-LTC3200 Datasheet
185Kb / 12P
DC/DC CONVERTERl
LTC3200 LINER-LTC3200 Datasheet
193Kb / 12P
Low Noise, Regulated Charge Pump DC/DC Converters
LTC3200 LINER-LTC3200 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
LTC3200 LINER-LTC3200 Datasheet
185Kb / 12P
Low Noise, Regulated Charge Pump DC/DC Converters
LTC3200-5 LINER-LTC3200-5 Datasheet
185Kb / 12P
DC/DC CONVERTERl
More results

유사한 설명 - LTC3290

제조업체부품명데이터시트상세설명
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
High Efficiency Buck/Boost Charge Pump Regulator
SP6680 SIPEX-SP6680 Datasheet
251Kb / 12P
High Efficiency Buck/Boost Charge Pump Regulator
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
High Efficiency Boost Charge Pump Regulator
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665 FAIRCHILD-FAN5665_08 Datasheet
714Kb / 15P
High-Efficiency, Adaptive Charge Pump 5V Boost
logo
Global Mixed-mode Techn...
G5933 GMT-G5933 Datasheet
72Kb / 1P
High Voltage 1.5x Charge Pump
logo
Texas Instruments
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
Buck-Boost Charge Pump
logo
Seiko Instruments Inc
S8821 SII-S8821 Datasheet
1Mb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com