전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8097193 데이터시트(PDF) 2 Page - Festo Corporation.

부품명 8097193
상세설명  Servo motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FESTO [Festo Corporation.]
홈페이지  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8097193 데이터시트(HTML) 2 Page - Festo Corporation.

  8097193 Datasheet HTML 1Page - Festo Corporation. 8097193 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Certification
c UL us - Recognized (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU low voltage directive
As per EU RoHS directive
Certificate issuing authority
UL E342973
UL E342973
Nominal operating voltage DC
300 V
DC nominal voltage
300 V
Type of winding switch
Star inside
Number of pole pairs
3
Stall torque
2.63 Nm
Nominal torque
2.39 Nm
Peak torque
7.17 Nm
Nominal rotary speed
3000 1/min
Max. rotational speed
5000 1/min
Max. mechanical speed
10000 1/min
Motor nominal power
750 W
Continuous stall current
4.2 A
Motor nominal current
3.8 A
Peak current
11.4 A
Motor constants
0.662 Nm/A
Voltage constant, phase-to-phase
40 mVmin
Phase-phase winding resistance
2.1 Ohm
Winding inductance phase-phase
10.5 mH
Electric time constant
5 ms
Measuring flange
255 x 255 x 8 mm, aluminum
Total output inertia moment
0.942 kgcm²
Product weight
2800 g
Permissible axial shaft load
167.5 N
Permissible radial shaft load
335 N
Rotor position sensor
Absolute encoder, multi-turn
Rotor position sensor for manufacturer designation
MAR-MX50AHN00
Rotor position encoder for absolutely detectable revolutions
65536
Rotor position sensor interface
Nikon A-format
Rotor position sensor measuring principle
Optical
Rotor position encoder for DC operating voltage
5 V
Rotor position encoder for DC operating voltage range
4.75 V ... 5.25 V
Rotor position encoder for positional values per revolution
1048576
Rotor position sensor resolution
20 bit
Rotor position encoder system accuracy angle measurement
-120 arcsec ... 120 arcsec
Energy efficiency
ENEFF (CN) / Class 2
1/12/22 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com