전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TN2510 데이터시트(PDF) 6 Page - Microchip Technology

부품명 TN2510
상세설명  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TN2510 데이터시트(HTML) 6 Page - Microchip Technology

Back Button TN2510 Datasheet HTML 2Page - Microchip Technology TN2510 Datasheet HTML 3Page - Microchip Technology TN2510 Datasheet HTML 4Page - Microchip Technology TN2510 Datasheet HTML 5Page - Microchip Technology TN2510 Datasheet HTML 6Page - Microchip Technology TN2510 Datasheet HTML 7Page - Microchip Technology TN2510 Datasheet HTML 8Page - Microchip Technology TN2510 Datasheet HTML 9Page - Microchip Technology TN2510 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TN2510
DS20005950A-page 6
2020 Microchip Technology Inc.
3.0
PIN DESCRIPTION
Table 3-1 shows details on the pins of TN2510. Refer
to
Package Type for the location of the pins.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
Gate
Gate
2,4
Drain
Drain
3
Source
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14