전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP114 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP114
상세설명  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP114 데이터시트(HTML) 3 Page - Texas Instruments

  TMP114 Datasheet HTML 1Page - Texas Instruments TMP114 Datasheet HTML 2Page - Texas Instruments TMP114 Datasheet HTML 3Page - Texas Instruments TMP114 Datasheet HTML 4Page - Texas Instruments TMP114 Datasheet HTML 5Page - Texas Instruments TMP114 Datasheet HTML 6Page - Texas Instruments TMP114 Datasheet HTML 7Page - Texas Instruments TMP114 Datasheet HTML 8Page - Texas Instruments TMP114 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
5 Device Comparison
Table 5-1. Device Options
PRODUCT
DEVICE ACCURACY
DEVICE TWO-WIRE ADDRESS
TMP114A
0.3 °C
1001000
TMP114B
0.3 °C
1001001
TMP114C
0.3 °C
1001010
TMP114NC(1)
1 °C
1001101
TMP114NB(1)
1 °C
1001110
(1)
Preview only
6 Pin Configuration and Functions
VDD
GND
SCL
SDA
A
B
1
2
Figure 6-1. YMT Package 4-Pin PicoStar Top View
Table 6-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
VDD
A1
I
Supply voltage
GND
A2
—
Ground
SDA
B1
IO
Serial data input and open-drain output. Requires a pullup resistor
SCL
B2
I
Serial clock
www.ti.com
TMP114
SNIS214A – JUNE 2021 – REVISED SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com