전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UCD7100PWPR 데이터시트(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
부품명 UCD7100PWPR
상세설명  UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UCD7100PWPR 데이터시트(HTML) 18 Page - Texas Instruments

Back Button UCD7100PWPR Datasheet HTML 14Page - Texas Instruments UCD7100PWPR Datasheet HTML 15Page - Texas Instruments UCD7100PWPR Datasheet HTML 16Page - Texas Instruments UCD7100PWPR Datasheet HTML 17Page - Texas Instruments UCD7100PWPR Datasheet HTML 18Page - Texas Instruments UCD7100PWPR Datasheet HTML 19Page - Texas Instruments UCD7100PWPR Datasheet HTML 20Page - Texas Instruments UCD7100PWPR Datasheet HTML 21Page - Texas Instruments UCD7100PWPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
12 Layout
12.1 Layout Guidelines
In a power driver operating at high frequency, it is a significant challenge to get clean waveforms without much
overshoot/undershoot and ringing. The low output impedance of these drivers produces waveforms with high
di/dt. This tends to induce ringing in the parasitic inductances. Utmost care must be used in the circuit layout.
It is advantageous to connect the driver IC as close as possible to the leads. The driver device layout has the
analog ground on the opposite side of the output, so the ground should be connected to the bypass capacitors
and the load with copper trace as wide as possible. These connections should also be made with a small
enclosed loop area to minimize the inductance.
12.2 Layout Example
14
UCD91xx
with
CLA
Peripheral
1
12
8
PVDD
OUT
CS
10
PGND
3
4
2
5
6
3V3
AGND
IN
CLF
ILIM
7
2
UCD7100PWP
Bias
Winding
VIN
VOUT
VDS
CS
FB
CS
VDS
COMMUNICATION
(Programming & Status Reporting)
Bias Supply
11
OUT
9
PGND
13
PVDD
VDD
NC
2
Isolation
Amplifier
2
1
Figure 12-1. Isolated Forward Converter
UCD7100
SLUS651E – MARCH 2005 – REVISED NOVEMBER 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com