전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC1815T-O 데이터시트(PDF) 1 Page - FutureWafer Tech Co.,Ltd

부품명 2SC1815T-O
상세설명  Low Frequency Amplifier NPN Epitaxial Silicon Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
홈페이지  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

2SC1815T-O 데이터시트(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  2SC1815T-O Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd 2SC1815T-O Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd 2SC1815T-O Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd 2SC1815T-O Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd 2SC1815T-O Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd 2SC1815T-O Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd 2SC1815T-O Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SC1815
Low Frequency Amplifier
NPN Epitaxial Silicon Transistor
Document No.: F51939R
27-NOV-2021 V 2.0
www.futurewafer.com.tw
FQE-001-04
1/7
1. Synopsis
1-1. Feature List
●
BV CEO: 50V (Min.)
●
Low Saturation Voltage V CE(sat) < 0.25V @ 0.1A
●
I C = 150mA Continuous Collector Current
●
Complementary to 2SA1015
1-2. Mechanical Characteristics
●
Molded JEDEC Package: TO-92
●
Packing: Tape Box
●
Flammability rating UL 94V-0
●
Halogen Free
●
JEDEC MSL Classification: LEVEL 1
1-3. Device Characteristics
1-4. Classification of h FE
B
C
E
TO-92
Device Symbol


유사한 부품 번호 - 2SC1815T-O

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SC1815 TOSHIBA-2SC1815 Datasheet
212Kb / 3P
Silicon NPN Epitaxail Type(for Audio Frequency General Purpose Amplifier Applications)
10-Apr-1997
logo
Micro Electronics
2SC1815 MICRO-ELECTRONICS-2SC1815 Datasheet
168Kb / 2P
NPN SILICON TRANSISTOR
logo
Toshiba Semiconductor
2SC1815 TOSHIBA-2SC1815 Datasheet
142Kb / 4P
Audio Frequency Voltage Amplifier Applications Low Noise Amplifier Applications
2SC1815 TOSHIBA-2SC1815 Datasheet
602Kb / 4P
Silicon NPN Epitaxial Type (PCT process)
01-Nov-2007
logo
Guangdong Kexin Industr...
2SC1815 KEXIN-2SC1815 Datasheet
142Kb / 2P
NPN Transistor
More results

유사한 설명 - 2SC1815T-O

제조업체부품명데이터시트상세설명
logo
Wing Shing Computer Com...
2SC1061 WINGS-2SC1061 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SC1454 WINGS-2SC1454 Datasheet
66Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SC1827 WINGS-2SC1827 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SC2233 WINGS-2SC2233 Datasheet
65Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD1437 WINGS-2SD1437 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD526 WINGS-2SD526 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD613 WINGS-2SD613 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD880 WINGS-2SD880 Datasheet
28Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD288 WINGS-2SD288 Datasheet
33Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR (LOW FREQUENCY POWER AMPLIFIER)
logo
FutureWafer Tech Co.,Lt...
2SC945 FUTUREWAFER-2SC945 Datasheet
932Kb / 7P
Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com