| 전자부품 데이터시트 검색엔진 |
|
WLAN8101CMP 데이터시트(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
WLAN8101CMP 데이터시트(HTML) 15 Page - NXP Semiconductors |
|
15 / 20 page ![]() NXP Semiconductors WLAN8101C 5 GHz Wi-Fi 6 Front-End Module 16.1 Advanced solder footprint NXP recommends by default to apply the soldering and footprint guidelines as are released in POD SOT2022-1. Advanced PCB design guideline may be used when SOT2022-1 is applied with a non wet-able flank design. However, care should be taken in the design of the stencil to ensure optimal solder deposition. ADVANCED PCB DESIGN GUIDELINE - I/O PADS THIS SHEET SERVES ONLY AS A GUIDELINE TO HELP DEVELOP A USER SPECIFIC SOLUTION. DEVELOPMENT EFFORT WILL STILL BE REQUIRED BY END USERS TO OPTIMIZE PCB MOUNTING PROCESSES AND BOARD DESIGN IN ORDER TO MEET INDIVIDUAL//SPECIFIC REQUIREMENTS STENCIL TECHNOLOGY SHOULD BE OPTIMIZED FOR OPTIMUM SOLDER DEPOSITION. ADVANCED PCB DESIGN GUIDELINE - SOLDER MASK OPENING PATTERN STANDARD PCB DESIGN GUIDELINE - SEE SOT2022-1 POD. ADVANCED PCB DESIGN GUIDELINE: aaa-035752 (2 x 1.7) (2 x 1.6) package outline (2 x 0.166) (4 x 1.3) (34 x 0.325) (34 x 0.25) 14 x 0.35 2 x 1.288 16 x 0.35 2 x 0.7 2 x 1.788 2 x 0.175 (2 x 0.14) (2 x 1.2) (34 x 0.225) (34 x 0.15) 14 x 0.35 2 x 1.288 2 x 0.175 package outline 16 x 0.35 2 x 0.7 2 x 1.788 Figure 7. Advanced solder footprint WLAN8101C All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 3 — 11 August 2020 15 / 20 |