전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KCD2-SR-2.SP 데이터시트(PDF) 2 Page - Pepperl+Fuchs Inc.

부품명 KCD2-SR-2.SP
상세설명  Switch Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PF [Pepperl+Fuchs Inc.]
홈페이지  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KCD2-SR-2.SP 데이터시트(HTML) 2 Page - Pepperl+Fuchs Inc.

  KCD2-SR-2.SP Datasheet HTML 1Page - Pepperl+Fuchs Inc. KCD2-SR-2.SP Datasheet HTML 2Page - Pepperl+Fuchs Inc. KCD2-SR-2.SP Datasheet HTML 3Page - Pepperl+Fuchs Inc. KCD2-SR-2.SP Datasheet HTML 4Page - Pepperl+Fuchs Inc. KCD2-SR-2.SP Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Rated current
Ir
≤ 46 mA
Power dissipation
≤ 900 mW
Power consumption
≤ 900 mW
Input
Connection side
field side
Connection
terminals 1+, 2-; 3+, 4-
Rated values
acc. to EN 60947-5-6 (NAMUR)
Open circuit voltage/short-circuit current
approx. 8 V DC / approx. 8 mA
Switching point/switching hysteresis
1.2 ... 2.1 mA / approx. 0.2 mA
Line fault detection
breakage I ≤ 0.1 mA , short-circuit I ≥ 6.5 mA
Pulse/Pause ratio
min. 20 ms / min. 20 ms
Output
Safety note
If load voltage > 50 V, de-energize before removing the terminals.
Connection side
control side
Connection
terminals 5, 6; 7, 8
Output I
signal ; relay
Output II
signal ; relay
Contact loading
250 V AC/2 A/cos φ > 0.75; 126.5 V AC/4 A/cos φ > 0.75; 30 V DC/2 A resistive load
Minimum switch current
2 mA / 24 V DC
Energized/De-energized delay
≤ 20 ms / ≤ 20 ms
Mechanical life
107 switching cycles
Transfer characteristics
Switching frequency
≤ 10 Hz
Galvanic isolation
Input/Output
reinforced insulation according to IEC/EN 61010-1, rated insulation voltage 300 Veff
Input/power supply
reinforced insulation according to IEC/EN 61010-1, rated insulation voltage 300 Veff
Output/power supply
reinforced insulation according to IEC/EN 61010-1, rated insulation voltage 300 Veff
Output/Output
reinforced insulation according to IEC/EN 61010-1, rated insulation voltage 300 Veff
Indicators/settings
Display elements
LEDs
Control elements
DIP switch
Configuration
via DIP switches
Labeling
space for labeling at the front
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013 (industrial locations)
Low voltage
Directive 2014/35/EU
EN 61010-1:2010+A1:2019+A1:2019/AC:2019
Conformity
Electromagnetic compatibility
NE 21:2017 , EN 61326-3-1:2017 , EN IEC 61326-3-2:2018
Degree of protection
IEC 60529:1989+A1:1999+A2:2013
Functional safety
IEC/EN 61508:2010
Input
EN 60947-5-6:2000
Ambient conditions
Ambient temperature
-40 ... 70 °C (-40 ... 158 °F)
Mechanical specifications
Degree of protection
IP20
Connection
spring terminals
Mass
approx. 100 g
Dimensions
12.5 x 119 x 114 mm (0.5 x 4.7 x 4.5 inch) (W x H x D) , housing type A2
Mounting
on 35 mm DIN mounting rail acc. to EN 60715:2001
General information
Switch Amplifier
KCD2-SR-2.SP
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com