전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FBTA-228-BPFB-R-4R 데이터시트(PDF) 4 Page - Pepperl+Fuchs Inc.

부품명 FBTA-228-BPFB-R-4R
상세설명  Universal Fieldbus Power Hub, Motherboard for Invensys FBM 228
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PF [Pepperl+Fuchs Inc.]
홈페이지  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FBTA-228-BPFB-R-4R 데이터시트(HTML) 4 Page - Pepperl+Fuchs Inc.

  FBTA-228-BPFB-R-4R Datasheet HTML 1Page - Pepperl+Fuchs Inc. FBTA-228-BPFB-R-4R Datasheet HTML 2Page - Pepperl+Fuchs Inc. FBTA-228-BPFB-R-4R Datasheet HTML 3Page - Pepperl+Fuchs Inc. FBTA-228-BPFB-R-4R Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Technical data
FBTA-228-BPFB-R-4R
4
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com
1 follows bulk power supply
see manual
HD2-FBPS-1.17.500
HD2-FBPS-1.23.500
HD2-FBPS-1.25.360
HD2-FBPS-1.500
HD2-FBCL-1.500
Power Output
Voltage (V)
15 ... 17
21 ... 23
25 ... 28
28 ... 30
-1
Current (mA)
500
500
360
500
500
Limit U0 (V)
17.5
24
-
-
-
Device in ...
Type of Protection
Required Installation Components
Zone 0/Div. 1
Intrinsically safe Ex ia
FieldBarrier
Zone 1/Div. 1
Intrinsically safe Ex ia
FieldBarrier
Zone 1/Div. 1
Flameproof Ex d
Segment Protector R-SP-E12 or any
Segment Protector installed in Zone 2
Div. 2
Non-incendive
Any Segment Protector; power module
selection depends on voltage of field
device
Safe Area
No specific type of protection
Segment Protector recommended
Type code
Description
KT-MB-DMA
Advanced Diagnostic Module, Kit for stand-alone Operation
Compatible power modules
Accessories
Installation note



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com