전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ALD2702 데이터시트(PDF) 1 Page - Advanced Linear Devices

부품명 ALD2702
상세설명  DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALD [Advanced Linear Devices]
홈페이지  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2702 데이터시트(HTML) 1 Page - Advanced Linear Devices

  ALD2702 Datasheet HTML 1Page - Advanced Linear Devices ALD2702 Datasheet HTML 2Page - Advanced Linear Devices ALD2702 Datasheet HTML 3Page - Advanced Linear Devices ALD2702 Datasheet HTML 4Page - Advanced Linear Devices ALD2702 Datasheet HTML 5Page - Advanced Linear Devices ALD2702 Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APPLICATIONS
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter
• Coaxial cable driver
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ADVANCED
LINEAR
DEVICES, INC.
ALD2702A/ALD2702B
ALD2702
GENERAL DESCRIPTION
The ALD2702 is a dual monolithic operational amplifier intended primarily
for a wide range of analog applications in +5V single power supply and
±5V
dual power supply systems as well as +4V to +12V battery operated
systems. All device characteristics are specified for +5V single supply or
±2.5V dual supply systems. The device has an input stage that operates to
+300mV above and -300mV below the supply voltages with no adverse
effects and/or phase reversals. It offers popular industry pin configuration.
The ALD2702 has been developed specifically with the +5V single supply
or
±2.5V dual supply user in mind. Several important characteristics of the
device make many applications easy to implement for these supply
voltages. First, the operational amplifier can operate with rail to rail input
and output voltages. This feature allows numerous analog serial stages to
be implemented without losing operating voltage margin. Secondly, the
device was designed to accommodate mixed applications where digital
and analog circuits may work off the same 5V power supply. Thirdly, the
output stage can drive up to 400pF capacitive and 5K
Ω resistive loads in
non-inverting unity gain connection and double the capacitance in the
inverting unity gain mode.
These features, coupled with extremely low input currents, high voltage
gain, useful bandwidth of 1.5MHz, a slew rate of 1.9V/
µs, low power
dissipation, low offset voltage and temperature drift, make the ALD2702 a
truly versatile, user friendly, operational amplifier.
The ALD2702 is designed and fabricated with silicon gate CMOS technology,
and offers less than 1pA typical input bias current. On-chip offset voltage
trimming allows the device to be used without nulling in most applications.
The device offers typical offset drift of less than 7
µV/°C which eliminates
many trim or temperature compensation circuits. For precision applications,
the ALD2702 is designed to settle to 0.01% in 8
µs.
FEATURES
• Rail-to-rail input and output voltage range
• Symmetrical push-pull class AB output
drivers
• All parameters specified for +5V single
supply or
±2.5V dual supply systems
• High load capacitance capability -- drives
up to 4000pF typical
• No frequency compensation required --
unity gain stable
• Extremely low input bias currents --
<1.0pA typical
• Ideal for high source impedance applications
• Dual power supply
±2.5V to ±6V operation
• Single power supply +5V to +12V operation
• High voltage gain -- typically 85V/mV
@
±2.5V and 250V/mV @ ±5.0V
• Drive as low as 2K
Ω load with 5mA
drive current
• Output short circuit protected
• Unity gain bandwidth of 1.5MHz
• Slew rate of 1.9V/
µs
• Low power dissipation
ORDERING INFORMATION
Operating Temperature Range *
-55
°C to +125°C0°C to +70°C0°C to +70°C
8-Pin
8-Pin
8-Pin
CERDIP
Small Outline
Plastic Dip
Package
Package (SOIC)
Package
ALD2702A DA
ALD2702A SA
ALD2702A PA
ALD2702B DA
ALD2702B SA
ALD2702B PA
ALD2702 DA
ALD2702 SA
ALD2702 PA
* Contact factory for industrial temperature range
PIN CONFIGURATION
1
2
3
4
8
7
6
5
TOP VIEW
DA, PA, SA PACKAGE
OUT A
-IN A
+IN A
V+
-IN B
+IN B
V -
OUT B
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com


유사한 부품 번호 - ALD2702

제조업체부품명데이터시트상세설명
logo
Advanced Linear Devices
ALD2702A ALD-ALD2702A Datasheet
80Kb / 9P
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702ADA ALD-ALD2702ADA Datasheet
52Kb / 6P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2702ADA ALD-ALD2702ADA Datasheet
80Kb / 9P
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702APA ALD-ALD2702APA Datasheet
52Kb / 6P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2702APAL ALD-ALD2702APAL Datasheet
80Kb / 9P
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
More results

유사한 설명 - ALD2702

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
Dual Precision, Rail-to-Rail Output Operational Amplifier
4/04-Revision 0
logo
Advanced Linear Devices
ALD1702A ALD-ALD1702A Datasheet
45Kb / 6P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702 ALD-ALD4702 Datasheet
59Kb / 6P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702A ALD-ALD1702A_10 Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702 ALD-ALD2702_10 Datasheet
80Kb / 9P
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702 ALD-ALD4702_10 Datasheet
82Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1702A ADL-ALD1702A Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD4702A ALD-ALD4702A_V01 Datasheet
86Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com