전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPV310 데이터시트(PDF) 2 Page - OPTEK Technologies

부품명 OPV310
상세설명  Vertical Cavity Surface Emitting Laser in TO-46 Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPTEK [OPTEK Technologies]
홈페이지  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPV310 데이터시트(HTML) 2 Page - OPTEK Technologies

  OPV310 Datasheet HTML 1Page - OPTEK Technologies OPV310 Datasheet HTML 2Page - OPTEK Technologies OPV310 Datasheet HTML 3Page - OPTEK Technologies OPV310 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Optek Technology, Inc.
sensor@optekinc.com
Carrollton, Texas 75006
(972) 323-2200
www.optekinc.com
September 2003
Issue 3.2
Page 2 of 4
OPV310, OPV310Y Technical Data
Optek reserves the right to make changes at any time, without notice, in order to improve design and provide the best product possible.
SYMBOL
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
POT
Total Power Out
1.50
mW
IF = 7 mA
ITH
Threshold Current
0.80
3.00
mA
Note1
VF
Forward Voltage
1.60
2.20
V
IF = 7 mA
IR
Reverse Current
35
nA
VR = 5 V
RS
Series Resistance
20
55
ohms
Note 2
η
Slope Efficiency
0.28
0.6
mW/mA Note 3
Linearity
0.00
Note 4
λ
Wavelength
840
850
860
nm
∆λ
Optical Bandwidth
0.85
nm
tr/tf
Rise and Fall Time
100
ps
20% to 80%
NRI
Relative Intensity Noise
-123
db/Hz
∆lTH/∆T
Temp Coefficient of Threshold Current
±1.0
mA
0°- 70°C, Note 1
∆λ/∆T
Temp Coefficient of Wavelength
0.06
%/°C
0°- 70°C, IF = 7 mA
∆VF∆T
Temperature Coefficient for VF
-2.5
mV/°C
0°- 70°C, IF = 7 mA
∆η/∆T
Temperature Coefficient for Efficiency
-0.5
%/C
0°- 70°C, Note 3
NOTES:
(1) Threshold Current is based on the two line intersection method specified in Telcordia GR-468-Core. Line 1 from 4 mA to 6 mA. Line 2 from
0 mA to 0.5 mA.
(2) Series Resistance is the slope of the Voltage-Current line from 5 to 8 mA.
(3) Slope efficiency, is the slope of the best fit LI line from 5 mA to 8 mA using no larger than 0.25 mA test interval points.
(4) Using data points taken for slope efficiency above, delta L/delta I shall be calculated for each adjacent pair of points.
Electrical/Optical Characteristics (at 25 C unless otherwise specified)
SYMBOL
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
IRPD
Reverse Current, photo diode
30
nA
VR = 5 V
IM1
Monitor Current
30
µA
IF = 7 mA
IM2
Monitor Current
40
µA
PO = 2 mW, VR = 5 V
Photodiode Electrical Characteristics (at 25 C unless otherwise specified)



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com