전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CFM-40B 데이터시트(PDF) 1 Page - CUI INC

부품명 CFM-40B
상세설명  DC AXIAL FAN
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CUI [CUI INC]
홈페이지  http://www.cui.com
Logo CUI - CUI INC

CFM-40B 데이터시트(HTML) 1 Page - CUI INC

  CFM-40B Datasheet HTML 1Page - CUI INC CFM-40B Datasheet HTML 2Page - CUI INC CFM-40B Datasheet HTML 3Page - CUI INC CFM-40B Datasheet HTML 4Page - CUI INC CFM-40B Datasheet HTML 5Page - CUI INC CFM-40B Datasheet HTML 6Page - CUI INC CFM-40B Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
date 10/05/2021
page 1 of 7
SERIES: CFM-40B
│ DESCRIPTION: DC AXIAL FAN
cuidevices.com
FEATURES
• dual ball bearing
• 40 x 40 mm frame
• multiple speed options
• tachometer signal available
MODEL
input
voltage
input
current1
input
power1
rated
speed1
airflow2
static
pressure3
noise4
rated
(Vdc)
range
(Vdc)
max
(A)
max
(W)
typ
(RPM±15%)
(CFM)
(inch H
2O)
typ
(dBA)
CFM-4010B-050-195
5
4.5~5.5
0.08
0.40
5,0005
4.22
0.07
19.5
CFM-4010B-065-251
5
4.5~5.5
0.17
0.85
6,500
5.49
0.11
25.1
CFM-4010B-080-296
5
4.5~5.5
0.24
1.20
8,000
6.76
0.17
29.6
CFM-4010B-150-195
12
10.8~13.2
0.05
0.60
5,0005
4.22
0.07
19.5
CFM-4010B-165-251
12
10.8~13.2
0.06
0.72
6,500
5.49
0.11
25.1
CFM-4010B-180-296
12
10.8~13.2
0.09
1.08
8,000
6.76
0.17
29.6
CFM-4010B-250-195
24
21.6~26.4
0.05
1.20
5,0005
4.22
0.07
19.5
CFM-4010B-265-251
24
21.6~26.4
0.06
1.44
6,500
5.49
0.11
25.1
CFM-4010B-280-296
24
21.6~26.4
0.08
1.92
8,000
6.76
0.17
29.6
Notes:
1. At rated voltage, after 3 minutes.
2. At rated voltage, room temperature, 65% humidity, 0 inch H
20 static pressure.
3. At rated voltage, 0 CFM airflow.
4. Measured in an anechoic chamber as per ISO3745/GB4214-84 at rated voltage, with background noise 20±2 dBA at 1 m from the fan intake.
5. Typical rated speed is measured as RPM±18% at rated voltage.
6. All specifications are measured at 25°C, 65% relative humidity unless otherwise specified.
PART NUMBER KEY
CFM-4010B-050-195 - XX - CXX
Reserved for Custom
Configurations
Base Number
Fan Signals
“blank” = no signals
20 = tachometer signal
Additional Resources: Product Page | 3D Model


유사한 부품 번호 - CFM-40B

제조업체부품명데이터시트상세설명
logo
CUI INC
CFM-40BG CUI-CFM-40BG Datasheet
1Mb / 8P
DC AXIAL FAN
01/20/2022
More results

유사한 설명 - CFM-40B

제조업체부품명데이터시트상세설명
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
DC AXIAL FAN
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
DC axial fan
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com