| 전자부품 데이터시트 검색엔진 |
|
STM32F730X8 데이터시트(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F730X8 데이터시트(HTML) 61 Page - STMicroelectronics |
|
61 / 202 page ![]() DS12536 Rev 2 61/202 STM32F730x8 Pinouts and pin description 83 -- - M13 PH9 I/O FT - I2C3_SMBA, TIM12_CH2, FMC_D17, EVENTOUT - -- - L13 PH10 I/O FT - TIM5_CH1, FMC_D18, EVENTOUT - -- - L12 PH11 I/O FT - TIM5_CH2, FMC_D19, EVENTOUT - - - - K12 PH12 I/O FT - TIM5_CH3, FMC_D20, EVENTOUT - - - - H12 VSS S - - - - -- - J12 VDD S - - - - 33 51 73 P12 PB12 I/O FT (5) TIM1_BKIN, I2C2_SMBA, SPI2_NSS/I2S2_WS, USART3_CK, OTG_HS_ULPI_D5, OTG_HS_ID, EVENTOUT - 34 52 74 P13 PB13 I/O FT (5) TIM1_CH1N, SPI2_SCK/I2S2_CK, USART3_CTS, OTG_HS_ULPI_D6, EVENTOUT OTG_HS_VBUS - - 75 J15 OTG_HS_REXT - - - USB HS OTG PHY calibration resistor - - 76 J14 VDD12OTGHS - - - - - 35 53 - - PB14 I/O FT - TIM1_CH2N, TIM8_CH2N, SPI2_MISO, USART3_RTS, TIM12_CH1, SDMMC2_D0, OTG_HS_DM, EVENTOUT - - - 77 R14 PB14 I/O FT - OTG_HS_DM - 36 54 - - PB15 I/O FT - RTC_REFIN, TIM1_CH3N, TIM8_CH3N, SPI2_MOSI/I2S2_SD, TIM12_CH2, SDMMC2_D1, OTG_HS_DP, EVENTOUT - Table 10. STM32F730x8 pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |