| 전자부품 데이터시트 검색엔진 |
|
STM32L053C8 데이터시트(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L053C8 데이터시트(HTML) 61 Page - STMicroelectronics |
|
61 / 136 page ![]() DS10152 Rev 9 61/136 STM32L053x6 STM32L053x8 Electrical characteristics 113 Table 28. Current consumption in Run mode, code with data processing running from Flash Symbol Parameter Conditions fHCLK Typ Max(1) Unit IDD (Run from Flash) Supply current in Run mode, code executed from Flash fHSE = fHCLK up to 16 MHz included, fHSE = fHCLK/2 above 16 MHz (PLL ON)(2) Range 3, VCORE=1.2 V VOS[1:0]=11 1 MHz 165 230 µA 2 MHz 290 360 4 MHz 555 630 Range 2, VCORE=1.5 V, VOS[1:0]=10, 4 MHz 0.665 0.74 mA 8 MHz 1.3 1.4 16 MHz 2.6 2.8 Range 1, VCORE=1.8 V, VOS[1:0]=01 8 MHz 1.55 1.7 16 MHz 3.1 3.4 32 MHz 6.3 6.8 MSI clock Range 3, VCORE=1.2 V, VOS[1:0]=11 65 kHz 36.5 110 µA 524 kHz 99.5 190 4.2 MHz 620 700 HSI clock Range 2, VCORE=1.5 V, VOS[1:0]=10, 16 MHz 2.6 2.9 mA Range 1, VCORE=1.8 V, VOS[1:0]=01 32 MHz 6.25 7 1. Guaranteed by characterization results at 125 °C, unless otherwise specified. 2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register). Table 29. Current consumption in Run mode vs code type, code with data processing running from Flash Symbol Parameter Conditions fHCLK Typ Unit IDD (Run from Flash) Supply current in Run mode, code executed from Flash fHSE = fHCLK up to 16 MHz included, fHSE = fHCLK/2 above 16 MHz (PLL ON)(1) Range 3, VCORE=1.2 V, VOS[1:0]=11 Dhrystone 4 MHz 555 µA CoreMark 585 Fibonacci 440 while(1) 355 while(1), prefetch OFF 353 Range 1, VCORE=1.8 V, VOS[1:0]=01 Dhrystone 32 MHz 6.3 mA CoreMark 6.3 Fibonacci 6.55 while(1) 5.4 while(1), prefetch OFF 5.2 1. Oscillator bypassed (HSEBYP = 1 in RCC_CR register). |