| 전자부품 데이터시트 검색엔진 |
|
STM32L053C8 데이터시트(PDF) 112 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L053C8 데이터시트(HTML) 112 Page - STMicroelectronics |
|
112 / 136 page ![]() Electrical characteristics STM32L053x6 STM32L053x8 112/136 DS10152 Rev 9 6.3.21 LCD controller The devices embed a built-in step-up converter to provide a constant LCD reference voltage independently from the VDD voltage. An external capacitor Cext must be connected to the VLCD pin to decouple this converter. Table 78. USB: full speed electrical characteristics Driver characteristics(1) 1. Guaranteed by design. Symbol Parameter Conditions Min Max Unit tr Rise time(2) 2. Measured from 10% to 90% of the data signal. For more detailed informations, please refer to USB Specification - Chapter 7 (version 2.0). CL = 50 pF 420 ns tf Fall Time(2) CL = 50 pF 4 20 ns trfm Rise/ fall time matching tr/tf 90 110 % VCRS Output signal crossover voltage 1.3 2.0 V Table 79. LCD controller characteristics Symbol Parameter Min Typ Max Unit VLCD LCD external voltage - - 3.6 V VLCD0 LCD internal reference voltage 0 - 2.6 - VLCD1 LCD internal reference voltage 1 - 2.73 - VLCD2 LCD internal reference voltage 2 - 2.86 - VLCD3 LCD internal reference voltage 3 - 2.98 - VLCD4 LCD internal reference voltage 4 - 3.12 - VLCD5 LCD internal reference voltage 5 - 3.26 - VLCD6 LCD internal reference voltage 6 - 3.4 - VLCD7 LCD internal reference voltage 7 - 3.55 - Cext VLCD external capacitance 0.1 - 2 µF ILCD(1) Supply current at VDD = 2.2 V - 3.3 - µA Supply current at VDD = 3.0 V - 3.1 - RHtot(2) Low drive resistive network overall value 5.28 6.6 7.92 M Ω RL(2) High drive resistive network total value 192 240 288 k Ω V44 Segment/Common highest level voltage - - VLCD V |