| 전자부품 데이터시트 검색엔진 |
|
STM32L072V8 데이터시트(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072V8 데이터시트(HTML) 44 Page - STMicroelectronics |
|
44 / 160 page ![]() Pin descriptions STM32L072xx 44/160 DS10689 Rev 5 Table 16. STM32L072xxx pin definition Pin number Pin name (function after reset) Alternate functions Additional functions - - --- - - 1 B2 PE2 I/O FT - TIM3_ETR - - - --- - - 2 A1 PE3 I/O FT - TIM22_CH1, TIM3_CH1 - - - --- - - 3 B1 PE4 I/O FT - TIM22_CH2, TIM3_CH2 - - - --- - - 4 C2 PE5 I/O FT - TIM21_CH1, TIM3_CH3 - - - --- - - 5 D2 PE6 I/O FT - TIM21_CH2, TIM3_CH4 RTC_TAMP3/ WKUP3 1 - 1 1 1 B2 B6 6 E2 VDD S - - - -- 2 2 2 A2 B7 7 C1 PC13 I/O FT - - RTC_TAMP1/RTC_ TS/RTC_OUT/ WKUP2 213 3 3 A1 C6 8 D1 PC14- OSC32_IN (PC14) I/O FT - - OSC32_IN 324 4 4 B1 C7 9 E1 PC15- OSC32_OUT (PC15) I/O TC - - OSC32_OUT - - --- - - 10 F2 PH9 I/O FT - - - - - --- - - 11 G2 PH10 I/O FT - - - -- 5 5 5 C1 D6 12 F1 PH0-OSC_IN (PH0) I/O TC - USB_CRS_SYNC OSC_IN -- 6 6 6 D1 D7 13 G1 PH1- OSC_OUT (PH1) I/O TC - - OSC_OUT 4 3 7 7 7 E1 D5 14 H2 NRST I/O - - - - - - - 8 E3 C5 15 H1 PC0 I/O FTf - LPTIM1_IN1, EVENTOUT, TSC_G7_IO1, LPUART1_RX, I2C3_SCL ADC_IN10 |