전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32WL55CC 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 STM32WL55CC
상세설명  Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL55CC 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button STM32WL55CC Datasheet HTML 14Page - STMicroelectronics STM32WL55CC Datasheet HTML 15Page - STMicroelectronics STM32WL55CC Datasheet HTML 16Page - STMicroelectronics STM32WL55CC Datasheet HTML 17Page - STMicroelectronics STM32WL55CC Datasheet HTML 18Page - STMicroelectronics STM32WL55CC Datasheet HTML 19Page - STMicroelectronics STM32WL55CC Datasheet HTML 20Page - STMicroelectronics STM32WL55CC Datasheet HTML 21Page - STMicroelectronics STM32WL55CC Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 147 page
background image
Functional overview
STM32WL55/54xx
18/147
DS13293 Rev 2
3.6
Security memory management
The devices contain many security blocks both for the sub-GHz MAC layer and the Host
application, such as:
•
securable RNG
•
customer keys storage
•
secure Flash memory partition for CPU2 only access
•
secure SRAM partition, that can be accessed only by CPU2
•
securable sub-GHz radio sub-system
•
securable DMA channels
•
securable AES: 128-and 256-bit AES, supporting ECB, CBC, CTR, GCM, GMAC and
CCM chaining modes
•
securable PKA:
–
modular arithmetic including exponentiation with maximum modulo size of
3136 bits
–
elliptic curves over prime field scalar multiplication, ECDSA signature, ECDSA
verification with maximum modulo size of 521 bits
•
cyclic redundancy check calculation unit (CRC)
3.7
Boot modes
At startup, BOOT0 pin and BOOT1 option bit are used to select one of the following boot
options:
•
Boot from user Flash memory
•
Boot from boot system memory (where embedded bootloader is located)
•
Boot from embedded SRAM
•
Boot from system memory (where the embedded SFI is located)
The bootloader makes possible to download code from USART or SPI.
If the boot selection uses the BOOT0 pin to boot from the main Flash memory, but the first
Flash memory location is found empty, the Flash empty check mechanism forces boot from
the system memory (containing the embedded bootloader). Then, due to the bootloader
activation, some of the GPIOs are reconfigured from the high-Z state. Refer to the
application note STM32 microcontroller system memory boot mode (AN2606) for more
details concerning the bootloader and GPIOs configuration.
This feature can be disabled by configuring the option bytes (instead of BOOT0 pin) to force
boot from the main Flash memory (nSWBOOT0 = 0, nBOOT0 = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More