| 전자부품 데이터시트 검색엔진 |
|
STM32L072X8 데이터시트(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072X8 데이터시트(HTML) 51 Page - STMicroelectronics |
|
51 / 160 page ![]() DS10689 Rev 5 51/160 STM32L072xx Pin descriptions 58 - - - - - - - 84 B8 PD3 I/O FT - USART2_CTS, SPI2_MISO/I2S2_MC K - - - - - - - - 85 B7 PD4 I/O FT - USART2_RTS/ USART2_DE, SPI2_MOSI/I2S2_SD - - - - - - - - 86 A6 PD5 I/O FT - USART2_TX - - - - - - - - 87 B6 PD6 I/O FT - USART2_RX - - - - - - - - 88 A5 PD7 I/O FT - USART2_CK, TIM21_CH2 - 26 - 3939 55 A5A3 89 A8 PB3 I/O FT - SPI1_SCK, TIM2_CH2, TSC_G5I_O1, EVENTOUT, USART1_RTS/ USART1_DE, USART5_TX COMP2_INM 27 26 40 40 56 A4 B3 90 A7 PB4 I/O FTf - SPI1_MISO, TIM3_CH1, TSC_G5_IO2, TIM22_CH1, USART1_CTS, USART5_RX, I2C3_SDA COMP2_INP 28 27 41 41 57 C4 A4 91 C5 PB5 I/O FT - SPI1_MOSI, LPTIM1_IN1, I2C1_SMBA, TIM3_CH2/TIM22_CH 2, USART1_CK, USART5_CK, USART5_RTS/ USART5_DE COMP2_INP Table 16. STM32L072xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |