| 전자부품 데이터시트 검색엔진 |
|
STM32L071XZ 데이터시트(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L071XZ 데이터시트(HTML) 41 Page - STMicroelectronics |
|
41 / 148 page ![]() DS10690 Rev 7 41/148 STM32L071xx Pin descriptions 54 - - 2 2 2 A2 B7 7 C1 PC13 I/O FT - - RTC_TAMP1/ RTC_TS/ RTC_OUT/ WKUP2 2 1 3 3 3A1 C68 D1 PC14- OSC32_IN (PC14) I/O FT - - OSC32_IN 3 2 4 4 4B1 C79 E1 PC15- OSC32_OUT (PC15) I/O TC - - OSC32_OUT - - - - - - - 10 F2 PH9 I/O FT - - - - - --- - - 11 G2 PH10 I/O FT - - - -- 5 5 5 C1 D6 12F1 PH0-OSC_IN (PH0) I/O TC - - OSC_IN -- 6 6 6 D1 D7 13 G1 PH1- OSC_OUT (PH1) I/O TC - - OSC_OUT 4 3 7 7 7 E1 D5 14 H2 NRST I/O - - - - - - - - 8 E3 C5 15 H1 PC0 I/O FTf - LPTIM1_IN1, EVENTOUT, LPUART1_RX, I2C3_SCL ADC_IN10 - - - - 9 E2 C4 16 J2 PC1 I/O FTf - LPTIM1_OUT, EVENTOUT, LPUART1_TX, I2C3_SDA ADC_IN11 - - - - 10 F2 E7 17 J3 PC2 I/O FTf - LPTIM1_IN2, SPI2_MISO/I2S2_ MCK ADC_IN12 - - - - 11 - - 18 K2 PC3 I/O FT - LPTIM1_ETR, SPI2_MOSI/I2S2_ SD ADC_IN13 -4 8 8 12 F1 - 19 J1 VSSA S - - - - - - - - - - - 20 K1 VREF- S - - - - Table 15. STM32L071xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |