전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L072KBU6 데이터시트(PDF) 48 Page - STMicroelectronics

부품명 STM32L072KBU6
상세설명  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072KBU6 데이터시트(HTML) 48 Page - STMicroelectronics

Back Button STM32L072KBU6 Datasheet HTML 44Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 45Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 46Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 47Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 48Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 49Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 50Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 51Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 160 page
background image
Pin descriptions
STM32L072xx
48/160
DS10689 Rev 5
-
-
22 22 30 H7 F3 48 L11
PB11
I/O FT
-
EVENTOUT,
TIM2_CH4,
TSC_G6_IO1,
LPUART1_RX,
I2C2_SDA,
LPUART1_TX
-
16 16 23 23 31 D6 D4 49 F12
VSS
S
-
-
-
17 17 24 24 32 E5 G2 50 G12
VDD
S
-
-
-
-
-
25 25 33 H8 G1 51 L12
PB12
I/O FT
-
SPI2_NSS/I2S2_WS,
LPUART1_RTS/
LPUART1_DE,
TSC_G6_IO2,
I2C2_SMBA,
EVENTOUT
-
-
-
26 26 34 G8 F2 52 K12
PB13
I/O FTf
-
SPI2_SCK/I2S2_CK,
MCO, TSC_G6_IO3,
LPUART1_CTS,
I2C2_SCL,
TIM21_CH1
-
-
-
27 27 35 F8 F1 53 K11
PB14
I/O FTf
SPI2_MISO/I2S2_MC
K, RTC_OUT,
TSC_G6_IO4,
LPUART1_RTS/
LPUART1_DE,
I2C2_SDA,
TIM21_CH2
-
-
-
28 28 36 F7 E1 54 K10
PB15
I/O FT
-
SPI2_MOSI/I2S2_SD,
RTC_REFIN
-
-
-
-
-
-
-
-
55
K9
PD8
I/O FT
-
LPUART1_TX
-
-
-
-
-
-
-
-
56
K8
PD9
I/O FT
-
LPUART1_RX
-
-
-
---
-
-
57 J12
PD10
I/O FT
-
-
-
-
-
-
-
-
-
-
58 J11
PD11
I/O FT
-
LPUART1_CTS
-
-
-
---
-
-
59 J10
PD12
I/O FT
-
LPUART1_RTS/
LPUART1_DE
-
Table 16. STM32L072xxx pin definition (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More