전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C14 데이터시트(PDF) 5 Page - CUI INC

부품명 C14
상세설명  PANEL MOUNT ENCODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CUI [CUI INC]
홈페이지  http://www.cui.com
Logo CUI - CUI INC

C14 데이터시트(HTML) 5 Page - CUI INC

  C14_V01 Datasheet HTML 1Page - CUI INC C14_V01 Datasheet HTML 2Page - CUI INC C14_V01 Datasheet HTML 3Page - CUI INC C14_V01 Datasheet HTML 4Page - CUI INC C14_V01 Datasheet HTML 5Page - CUI INC C14_V01 Datasheet HTML 6Page - CUI INC C14_V01 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
date 10/14/2020
│ page 5 of 7
CUI Devices
│ SERIES: C14 │ DESCRIPTION: PANEL MOUNT ENCODER
cuidevices.com
MECHANICAL DRAWING (CONTINUED)
units: mm
3.3V INPUT, WITHOUT PUSH SWITCH
CUIINC
Mounting Hole
Dimensions
Ø6.0mm Shaft
Ø6.35mm Shaft
Ø3.175mm Shaft
MECHANICAL DRAWING, TERMINATION OPTIONS
units: mm
OPTION A:
Ø0.5MM HOLES
OPTION B: 130MM CABLE WITH CONNECTOR
OPTION C: HEADER I
OPTION D: HEADER II
PCB Layout
tolerance: ±0.05
PCB Layout
tolerance: ±0.05
Mounting Hole
Dimensions
Mounting Hole
Dimensions
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com