| 전자부품 데이터시트 검색엔진 |
|
USB2PMB2# 데이터시트(PDF) 1 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
USB2PMB2# 데이터시트(HTML) 1 Page - Maxim Integrated Products |
|
1 / 7 page ![]() Evaluates: DS18B20 DS18B20 Evaluation System General Description The DS18B20 evaluation system (EV system) demon- strates the DS18B20 1-wire thermometer. The DS18B20 EV system consists of the DS18B20 evaluation kit (EV kit) and the USB2PMB2 adapter board. Windows XP® and Windows® 7/8/8.1/10 compatible software provides a user-friendly interface that demonstrates the features of the DS18B20. The DS18B20 EV system comes with the 8-pin µSOP DS18B20U+ installed. Features ● 6-Pin Pmod™-Compatible Connector ● Proven PCB Layout ● Fully Assembled and Tested ● Windows XP, Windows 7/8/8.1/10-Compatible Software 319-100315; Rev 0; 2/19 Ordering Information appears at end of data sheet. Windows and Windows XP are registered trademarks and registered service marks of Microsoft Corporation. Pmod is a trademark of Digilent Inc. Quick Start Required Equipment ● DS18B20 EV System (includes USB cable) ● Windows PC Note: In the following sections, software-related items are identified by bolding.Text in bold refers to items directly from the EV system software. Text in bold and underlined refers to items from the Windows operating system. DS18B20 EV System Photo Click here for production status of specific part numbers. |
유사한 부품 번호 - USB2PMB2# |
|
유사한 설명 - USB2PMB2# |