전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP4303AM-CTRE1 데이터시트(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

부품명 AP4303AM-CTRE1
상세설명  QUAD OP AMP AND VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4303AM-CTRE1 데이터시트(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP4303AM-CTRE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4303AM-CTRE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4303AM-CTRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4303AM-CTRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4303AM-CTRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4303AM-CTRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4303AM-CTRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4303AM-CTRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP4303AM-CTRE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
QUAD OP AMP AND VOLTAGE REFERENCE
AP4303
Data Sheet
6
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Operating Conditions: VCC = +5V, TA= 25
oC unless otherwise specified.
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
Total Supply Current, Excluding
Current in Voltage Reference
VCC = 5V, no load, -40
oC
T
A 85
oC
1.0
1.6
mA
VCC = 18V, no load, -40
oC
T
A 85
oC
1.2
2.4
Voltage Reference Section
Reference Voltage for AZ4303C
IKA= 10mA
TA = 25
oC
0.5% tolerance
1.244
1.250
1.256
V
1% tolerance
1.237
1.263
Reference Voltage for AZ4303D
IKA = 10mA
TA = 25
oC
0.5% tolerance
1.234
1.240
1.246
V
1% tolerance
1.227
1.252
Reference Voltage Deviation over
Full Temperature Range
IKA = 10mA, TA = -40 to 85
oC
517
mV
Minimum Cathode Current
for Regulation
-
0.1
0.2
mA
Ratio of Change in VREF to that of
Cathode Voltage
IKA = 10mA
VREF ~ 10V
1.0
2.7
mV/V
10V ~ 18V
0.5
2.0
Reference Current
IKA = 10mA, R1 = 10K, R2 =
0.7
4
µA
The Deviation of Reference Current
over Temperature
VKA = VREF, IKA = 10mA,
TA = -40
oC to 85oC
0.4
1.2
µA
Off-State Cathode Current
VREF = 0, VKA = 18V
0.05
1.0
µA
Dynamic Impedance
IKA = 1.0 to 80mA, f<1kHz
0.2
0.5
Op Amp Section (per OPA)
(VCC = 5V, VO = 1.4V, TA = 25
oC, Unless otherwise noted)
Input Offset Voltage
TA = 25
oC
0.5
3mV
TA = -40 to 85
oC
5
Input Offset Voltage Temperature
Drift
TA = -40 to 85
oC
7
µV/ oC
Input Offset Current
TA = 25
oC
2
30
nA
Input Bias Current
TA = 25
oC
20
150
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com